Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRF371135 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TRF371135
Description  INTEGRATED IQ DEMODULATOR
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TRF371135 Datasheet(HTML) 4 Page - Texas Instruments

  TRF371135 Datasheet HTML 1Page - Texas Instruments TRF371135 Datasheet HTML 2Page - Texas Instruments TRF371135 Datasheet HTML 3Page - Texas Instruments TRF371135 Datasheet HTML 4Page - Texas Instruments TRF371135 Datasheet HTML 5Page - Texas Instruments TRF371135 Datasheet HTML 6Page - Texas Instruments TRF371135 Datasheet HTML 7Page - Texas Instruments TRF371135 Datasheet HTML 8Page - Texas Instruments TRF371135 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
TRF371135
SLWS220A – FEBRUARY 2010 – REVISED MARCH 2010
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O
DESCRIPTION
NO.
NAME
16
MIXQoutp
O
Mixer Q output: positive terminal
17
MIXQoutn
O
Mixer Q output: negative terminal
18
NC
No connect
19
NC
No connect
20
REXT
O
Reference bias external resistor
21
VCCBIAS
Bias block power supply
22
GNDBIAS
Bias block ground
23
NC
No connect
24
VCM
I
Baseband common-mode input voltage
25
VCCBBQ
Baseband Q chain power supply
26
GND
Ground
27
BBQoutn
O
Baseband Q (in quadrature) output: negative terminal
28
BBQoutp
O
Baseband Q (in quadrature) output: positive terminal
29
VCCLO
Local oscillator power supply
30
LOin
I
Local oscillator input: negative terminal
31
LOip
I
Local oscillator input: positive terminal
32
GND
Ground
33
BBIoutp
O
Baseband I (in-phase) output: positive terminal
34
BBIoutn
O
Baseband I (in-phase) output: negative terminal
35
GND
Ground
36
VCCBBI
Baseband I (in phase) power supply
37
NC
No connect
38
READBACK
O
SPI readback data
39
Gain_B2
I
PGA fast gain control bit 2
40
Gain_B1
I
PGA fast gain control bit 1
41
Gain_B0
I
PGA fast gain control bit 0
42
NC
No connect
43
NC
No connect
44
MIXIoutn
O
Mixer I output: negative terminal
45
MIXIoutp
O
Mixer I output: positive terminal
46
STROBE
I
SPI enable
47
DATA
I
SPI data input
48
CLOCK
I
SPI clock input
4
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TRF371135


Similar Part No. - TRF371135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
More results

Similar Description - TRF371135

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
logo
Teledyne Technologies I...
IQM2811 TELEDYNE-IQM2811 Datasheet
268Kb / 2P
   IQ MIXER MODULATOR/DEMODULATOR
logo
NEC
UPC2781GR NEC-UPC2781GR Datasheet
78Kb / 5P
   SI MMIC IQ DEMODULATOR
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
UPC3205GR NEC-UPC3205GR Datasheet
135Kb / 20P
   IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
logo
NTE Electronics
NTE1489 NTE-NTE1489 Datasheet
25Kb / 3P
   Integrated Circuit Stereo Demodulator
NTE1099 NTE-NTE1099 Datasheet
82Kb / 2P
   Integrated Circuit Chroma Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com