Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

450-3378 Datasheet(PDF) 1 Page - CAMBION Electronic Components

Part # 450-3378
Description  socket for patch lead ends, .040 (1,02) diameter pins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CAMBION [CAMBION Electronic Components]
Direct Link  http://www.cambion.com
Logo CAMBION - CAMBION Electronic Components

450-3378 Datasheet(HTML) 1 Page - CAMBION Electronic Components

  450-3378 Datasheet HTML 1Page - CAMBION Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CAMBION ®
Technical Data Sheet
Wearnes Cambion LTD
Castleton, Hope Valley, Derbyshire, S33 8WR, England
Telephone: +44(0)1433 621555 Fax: +44(0)1433 621290
Web: www.cambion.com Email: enquiries@cambion.com
Copyright© Cambion® Monday, 25 September 2006
Page 1 of 1
450-3378 socket for patch lead ends, .040 (1,02) diameter pins
(supplied with loose heat shrink insulator)
(socket supplied without insulator, 450-3367)
Min hole depth (socket) .185 (4,70)
How to order code
450-3378-01-XX-10
Basic Part No XX = Finish
MATERIALS
Component
Material
Finish (-03)
Finish (-04)
Finish (-06)
Body
Brass
Gold over Nickel
Tin
Tin
Spring
Beryllium copper
Gold over Nickel
Tin
Gold over Nickel
Insulator
Polyolefin plastic (black) - Heat shrink (-10)
Recommended hook up wire size is 22 AWG (7 strands of 30AWG) copper wire, insulated, .053 (1,37)
over insulation. (not supplied).
Will also accept 20 AWG (7 strands of 28AWG) copper wire, insulated and 24 AWG (7 strands of 32AWG)
copper wire, insulated.
Recommended crimping pliers 435-5680-01-00-00


Similar Part No. - 450-3378

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
450-3374 CAMBION-450-3374 Datasheet
31Kb / 1P
   Teflon Insulated, press mount socket, for .080 (2,03) diameter pins
450-3375 CAMBION-450-3375 Datasheet
30Kb / 1P
   Swage mount socket, for .025 (0,64) diameter pins
450-3379 CAMBION-450-3379 Datasheet
32Kb / 1P
   Swage mount socket, for .040 (1,02) diameter pins
More results

Similar Description - 450-3378

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
450-3367 CAMBION-450-3367 Datasheet
63Kb / 1P
   socket for patch lead ends, for .040 (1,02) diameter pins
460-3308 CAMBION-460-3308 Datasheet
64Kb / 1P
   Connector pin for patch lead ends, .040 (1,02) diameter pin
450-3302 CAMBION-450-3302 Datasheet
27Kb / 1P
   Socket for patch lead ends, stackable, .040 (1,02) pin and socket
450-3301 CAMBION-450-3301 Datasheet
35Kb / 1P
   Socket for patch lead ends, stackable, .040 (1,02) pin and socket
450-3775 CAMBION-450-3775 Datasheet
27Kb / 1P
   Shorting socket, insulated, for .040 (1,02) diameter pins
450-3776 CAMBION-450-3776 Datasheet
27Kb / 1P
   Shorting socket, insulated, for .040 (1,02) diameter pins
450-3379 CAMBION-450-3379 Datasheet
32Kb / 1P
   Swage mount socket, for .040 (1,02) diameter pins
450-4775 CAMBION-450-4775 Datasheet
121Kb / 1P
   Shorting Socket, Insulated, for .040 (1,02) diameter pins
450-5301 CAMBION-450-5301 Datasheet
26Kb / 1P
   Solder mount socket, for .040 (1,02) diameter pins
450-3752 CAMBION-450-3752 Datasheet
26Kb / 1P
   Press mount socket, for .040 (1,02) diameter pins
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com