Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15039ETG+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX15039ETG+
Description  6A, 2MHz Step-Down Regulator with Integrated Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15039ETG+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX15039ETG+ Datasheet HTML 1Page - Maxim Integrated Products MAX15039ETG+ Datasheet HTML 2Page - Maxim Integrated Products MAX15039ETG+ Datasheet HTML 3Page - Maxim Integrated Products MAX15039ETG+ Datasheet HTML 4Page - Maxim Integrated Products MAX15039ETG+ Datasheet HTML 5Page - Maxim Integrated Products MAX15039ETG+ Datasheet HTML 6Page - Maxim Integrated Products MAX15039ETG+ Datasheet HTML 7Page - Maxim Integrated Products MAX15039ETG+ Datasheet HTML 8Page - Maxim Integrated Products MAX15039ETG+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
6A, 2MHz Step-Down Regulator
with Integrated Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VEN = 5V, CVDD = 2.2µF, TA = TJ = -40°C to +85°C, typical values are at TA = +25°C, circuit of Figure 1, unless otherwise
noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RFREQ = 49.9k
0.9
1
1.1
LX Switching Frequency
VIN = 2.9V to 5.5V
RFREQ = 23.6k
1.8
2
2.2
MHz
Switching Frequency Range
500
2000
kHz
LX Minimum Off-Time
78
ns
LX Maximum Duty Cycle
RFREQ = 49.9k
92
95
%
LX Minimum Duty Cycle
RFREQ = 49.9k
515
%
Average Short-Circuit IN Supply
Current
OUT connected to GND, VIN = 5V
0.35
A
RMS LX Output Current
6A
ENABLE
EN Input Logic-Low Threshold
EN falling
0.9
V
EN Input Logic-High Threshold
EN rising
1.5
V
EN Input Current
VEN = 0 or 5V, VIN = 5V
0.01
µA
MODE
Logic-low, falling
26
Logic VDD/2 or open, rising
50
MODE Input-Logic Threshold
Logic-high, rising
74
%VDD
MODE Input-Logic Hysteresis
MODE falling
5
%VDD
MODE = GND
-5
MODE Input Bias Current
MODE = VDD
5
µA
SS
SS Current
VSS = 0.45V, VREFIN = 0.6V, sourcing
6.7
8
9.3
µA
THERMAL SHUTDOWN
Thermal-Shutdown Threshold
Rising
165
°C
Thermal-Shutdown Hysteresis
25
°C
POWER GOOD (PWRGD)
VFB falling, VREFIN = 0.6V
88
90
92
Power-Good Threshold Voltage
VFB rising, VREFIN = 0.6V
92.5
%
VREFIN
Power-Good Edge Deglitch
VFB rising or falling
48
Clock
Cycles
PWRGD Output-Voltage Low
IPWRGD = 4mA
0.03
0.1
V
PWRGD Leakage Current
VIN = VPWRGD = 5V, VFB = 0.7V, VREFIN = 0.6V
0.01
µA
HICCUP OVERCURRENT LIMIT
Current-Limit Startup Blanking
112
Clock
Cycles
Autoretry Restart Time
896
Clock
Cycles


Similar Part No. - MAX15039ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15039ETG++ MAXIM-MAX15039ETG+ Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
More results

Similar Description - MAX15039ETG+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15038 MAXIM-MAX15038_09 Datasheet
365Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com