Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX15038 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX15038
Description  4A, 2MHz Step-Down Regulator with Integrated Switches
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15038 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX15038_09 Datasheet HTML 5Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 6Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 7Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 8Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 9Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 10Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 11Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 12Page - Maxim Integrated Products MAX15038_09 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
4A, 2MHz Step-Down Regulator
with Integrated Switches
_______________________________________________________________________________________
9
Pin Description
PIN
NAME
FUNCTION
1
MODE
Functional MODE Selection Input. See the MODE Selection section for more information.
2VDD
3.3V LDO Output. Supply input for the internal analog core. Connect a low-ESR, ceramic capacitor with a
minimum value of 2.2µF from VDD to GND.
3
CTL1
4
CTL2
Preset Output-Voltage Selection Inputs. CTL1 and CTL2 set the output voltage to one of nine preset
voltages. See Table 1 and the Programming the Output Voltage (CTL1, CTL2) section for preset voltages.
5
REFIN
External Reference Input. Connect REFIN to SS to use the internal 0.6V reference. Connecting REFIN to an
external voltage forces FB to regulate to the voltage applied to REFIN. REFIN is internally pulled to GND
when the IC is in shutdown/hiccup mode.
6SS
Soft-Start Input. Connect a capacitor from SS to GND to set the startup time. Use a capacitor with a 1nF
minimum value. See the Soft-Start and REFIN section for details on setting the soft-start time.
7
GND
Analog Ground Connection. Connect GND and PGND together at one point near the input bypass capacitor
return terminal.
8
COMP
Voltage Error-Amplifier Output. Connect the necessary compensation network from COMP to FB and OUT.
COMP is internally pulled to GND when the IC is in shutdown/hiccup mode.
9FB
Feedback Input. Connect FB to the center tap of an external resistive divider from the output to GND to set
the output voltage from 0.6V to 90% of VIN. Connect FB through an RC network to the output when using
CTL1 and CTL2 to select any of nine preset voltages.
10
OUT
Output-Voltage Sense. Connect to the converter output. Leave OUT unconnected when an external resistive
divider is used.
11
FREQ
Oscillator Frequency Select. Connect a precision resistor from FREQ to GND to select the switching
frequency. See the Frequency Select (FREQ) section.
12
PWRGD
Open-Drain, Power-Good Output. PWRGD is high impedance when VFB rises above 92.5% (typ) of VREFIN
and VREFIN is above 0.54V. PWRGD is internally pulled low when VFB falls below 90% (typ) of VREFIN or
VREFIN is below 0.54V. PWRGD is internally pulled low when the IC is in shutdown mode, VDD is below the
internal UVLO threshold, or the IC is in thermal shutdown.
13
BST
High-Side MOSFET Driver Supply. Internally connected to IN through a pMOS switch. Bypass BST to LX with
a 0.1µF capacitor.
14, 15,
16
LX
Inductor Connection. All LX pins are internally shorted together. Connect all LX pins to the switched side of
the inductor. LX is high impedance when the IC is in shutdown mode.
17–20
PGND
Power Ground. Connect all PGND pins externally to the power ground plane. Connect all PGND pins
together near the IC.
21, 22,
23
IN
Input Power Supply. Input supply range is from 2.9V to 5.5V. Bypass IN to PGND with a 22µF ceramic
capacitor.
24
EN
Enable Input. Logic input to enable/disable the MAX15038.
—EP
Exposed Pad. Solder EP to a large contiguous copper plane connected to PGND to optimize thermal
performance. Do not use EP as a ground connection for the device.


Similar Part No. - MAX15038_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15038ETG++ MAXIM-MAX15038ETG+ Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15038EVKIT MAXIM-MAX15038EVKIT Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15038EVKIT++ MAXIM-MAX15038EVKIT+ Datasheet
234Kb / 8P
   Operates from 2.9V to 5.5V Input Supply
Rev 1; 5/10
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
More results

Similar Description - MAX15038_09

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15038 MAXIM-MAX15038_V01 Datasheet
455Kb / 19P
   4A, 2MHz Step-Down Regulator with Integrated Switches
2010
MAX15038 MAXIM-MAX15038 Datasheet
357Kb / 18P
   4A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX15039 MAXIM-MAX15039 Datasheet
441Kb / 18P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 10/08
MAX8643 MAXIM-MAX8643 Datasheet
300Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 3/07
MAX8646 MAXIM-MAX8646 Datasheet
363Kb / 16P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/07
MAX8643_0709 MAXIM-MAX8643_0709 Datasheet
351Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 3; 9/07
MAX8643A MAXIM-MAX8643A Datasheet
303Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 0; 3/07
MAX8643A_0709 MAXIM-MAX8643A_0709 Datasheet
321Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 9/07
MAX15039 MAXIM-MAX15039_09 Datasheet
369Kb / 19P
   6A, 2MHz Step-Down Regulator with Integrated Switches
Rev 1; 12/09
MAX8643A MAXIM-MAX8643A_09 Datasheet
324Kb / 16P
   3A, 2MHz Step-Down Regulator with Integrated Switches
Rev 2; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com