Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1531ETJ+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX1531ETJ+
Description  Multiple-Output Power-Supply Controllers for LCD Monitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1531ETJ+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX1531ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 9Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 10Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 11Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 12Page - Maxim Integrated Products MAX1531ETJ+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 33 page
background image
Multiple-Output Power-Supply
Controllers for LCD Monitors
_______________________________________________________________________________________
9
Typical Operating Characteristics (continued)
(Circuit of Figure 1; including R5, R6, and D2; TA = +25°C, unless otherwise noted.)
LR4 NORMALIZED LOAD REGULATION
LOAD CURRENT (mA)
400
300
200
100
-0.5
-0.4
-0.3
-0.2
-0.1
0
-0.6
0
500
LR4 NORMALIZED LINE REGULATION
INPUT VOLTAGE (V)
21
17
13
-0.8
-0.6
-0.4
-0.2
0
0.2
-1.0
925
200mA LOAD CURRENT
LR4 LOAD TRANSIENT
MAX1530 toc21
40
µs/div
A
B
A: LR4 OUTPUT VOLTAGE, 100mV/div, AC-COUPLED
B: LR4 LOAD CURRENT, 500mA/div
10V
0mA
LR4 PULSED LOAD TRANSIENT
MAX1530 toc22
10
µs/div
A
B
A: LR4 OUTPUT VOLTAGE, 100mV/div, AC-COUPLED
B: LR4 LOAD CURRENT, 1A/div
10V
0A
MAX1531
OVERCURRENT PROTECTION (CSH, CSL)
MAX1530 toc23
20
µs/div
A: VLX, 10V/div
B: VOUT, 5V/div
B
C
D
A
C: VRESET, 5V/div
D: VCSH - VCSL, 500mV/div
LR5 BASE CURRENT
vs. DRV5 VOLTAGE
DRV5 VOLTAGE (V)
4
3
2
1
2
4
6
8
10
0
05
VFBL5 = 0V


Similar Part No. - MAX1531ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1531ETJ MAXIM-MAX1531ETJ Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
More results

Similar Description - MAX1531ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com