Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1530ETJ+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX1530ETJ+
Description  Multiple-Output Power-Supply Controllers for LCD Monitors
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1530ETJ+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX1530ETJ+ Datasheet HTML 1Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 2Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 3Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 4Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 5Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 6Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 7Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 8Page - Maxim Integrated Products MAX1530ETJ+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 33 page
background image
Multiple-Output Power-Supply Controllers for
LCD Monitors
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = 12V, VEN = VSEQ = 5V, TA = 0
°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
FREQ = GND
1024 / fOSC
Soft-Start Period
FREQ = VL
2048 / fOSC
s
POSITIVE LINEAR REGULATOR (LR4)
FBL4 Regulation Voltage
VDRV4 = 5V, IDRV4 = 500µA
1.226
1.245
1.264
V
FBL4 Input Bias Current
VFBL4 = 1.5V
-50
+50
nA
FBL4 Effective Load Regulation
Error (Transconductance)
VDRV4 = 5V, IDRV4 = 500µA to 10mA
-1.5
-2
%
FBL4 Line Regulation Error
IDRV4 = 500µA, 5.5V < VIN < 28V
5
mV
DRV4 Sink Current
VFBL4 = 1.175V, VDRV4 = 5V
10
28
mA
DRV4_Off-Leakage Current
VFBL4 = 1.5V, VDRV4 = 28V
0.1
10
µA
FBL4 Input Common-Mode
Range
(Note 2)
-0.1
+1.5
V
Soft-Start Step Size
Measured at FBL4
1.238 / 32
V
FREQ = GND
1024 / fOSC
Soft-Start Period
FREQ = VL
2048 / fOSC
s
NEGATIVE LINEAR REGULATOR (LR5)
FBL5 Regulation Voltage
VDRV5 = -10V, IDRV5 = 100µA
100
125
150
mV
FBL5 Input Bias Current
VFBL5 = 0
-50
+50
nA
FBL5 Effective Load Regulation
Error (Transconductance)
VDRV5 = -10V, IDRV5 = 50µA to 1mA
-1.5
-2
%
FBL5 Line Regulation Error
IDRV5 = 100µA, 5.5V < VIN < 28V
5
mV
DRV5 Source Current
VFBL5 = 200mV, VDRV5 = -10V
2
9
mA
DRV5 Off-Leakage Current
VFBL5 = 0, VDRV5 = -20V
0.1
10
µA
FBL5 Input Common-Mode
Range
(Note 2)
-0.1
+1.5
V
Soft-Start Step Size
Measured at FBL5
1.238 / 32
V
FREQ = AGND
1024 / fOSC
Soft-Start Period
FREQ = VL
2048 / fOSC
s
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 12V, VEN = VSEQ = 5V, TA = -40°C to +85°C, unless otherwise noted.) (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GENERAL
Operating Input Voltage Range
(Note 1)
4.5
28.0
V
VL REGULATOR
VL Output Voltage
5.5V < VIN < 28V, 0 < IVL < 30mA
4.75
5.25
V
VL Undervoltage Lockout
Threshold
VL rising, 3% hysteresis
3.2
3.8
V


Similar Part No. - MAX1530ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530ETJ MAXIM-MAX1530ETJ Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
More results

Similar Description - MAX1530ETJ+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX17014 MAXIM-MAX17014 Datasheet
626Kb / 34P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 10/07
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Maxim Integrated Produc...
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX1513 MAXIM-MAX1513 Datasheet
523Kb / 28P
   TFT-LCD Power-Supply Controllers
Rev 0; 10/03
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com