Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT2X41DC120J Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT2X41DC120J
Description  ISOTOP짰 SiC Diode Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT2X41DC120J Datasheet(HTML) 2 Page - Microsemi Corporation

  APT2X41DC120J Datasheet HTML 1Page - Microsemi Corporation APT2X41DC120J Datasheet HTML 2Page - Microsemi Corporation APT2X41DC120J Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
APT2X41DC120J
APT2X40DC120J
www.microsemi.com
2 – 3
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics (per leg)
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
1.6
1.8
VF
Diode Forward Voltage
IF = 40A
Tj = 175°C
2.3
3.0
V
Tj = 25°C
128
800
IRM
Maximum Reverse Leakage Current
VR = 1200V
Tj = 175°C
224
4000
µA
QC
Total Capacitive Charge
IF = 40A, VR = 600V
di/dt =2000A/µs
160
nC
f = 1MHz, VR = 200V
384
C
Total Capacitance
f = 1MHz, VR = 400V
276
pF
Thermal and package characteristics (per leg)
Symbol
Characteristic
Min
Typ
Max
Unit
RthJC
Junction to Case Thermal resistance
0.39
RthJA
Junction to Ambient (IGBT & Diode)
20
°C/W
VISOL
RMS Isolation Voltage, any terminal to case t =1 min, I isol<1mA, 50/60Hz
2500
V
TJ,TSTG
Storage Temperature Range
-55
175
TL
Max Lead Temp for Soldering:0.063” from case for 10 sec
300
°C
Torque
Mounting torque (Mounting = 8-32 or 4mm Machine and terminals = 4mm Machine)
1.5
N.m
Wt
Package Weight
29.2
g
SOT-227 (ISOTOP
®) Package Outline
31.5 (1.240)
31.7 (1.248)
Dimensions in Millimeters and (Inches)
7.8 (.307)
8.2 (.322)
30.1 (1.185)
30.3 (1.193)
38.0 (1.496)
38.2 (1.504)
14.9 (.587)
15.1 (.594)
11.8 (.463)
12.2 (.480)
8.9 (.350)
9.6 (.378)
Hex Nut M4
(4 places)
0.75 (.030)
0.85 (.033)
12.6 (.496)
12.8 (.504)
25.2 (0.992)
25.4 (1.000)
1.95 (.077)
2.14 (.084)
*
r = 4.0 (.157)
(2 places)
4.0 (.157)
4.2 (.165)
(2 places)
W=4.1 (.161)
W=4.3 (.169)
H=4.8 (.187)
H=4.9 (.193)
(4 places)
3.3 (.129)
3.6 (.143)
Emitter terminals are shorted
internally. Current handling
capability is equal for either
Emitter terminal.
4
2
1
3


Similar Part No. - APT2X41DC120J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT2X41DC60J MICROSEMI-APT2X41DC60J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
More results

Similar Description - APT2X41DC120J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT2X21DC60J MICROSEMI-APT2X21DC60J Datasheet
77Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X21DC120J MICROSEMI-APT2X21DC120J Datasheet
75Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X61DC120J MICROSEMI-APT2X61DC120J Datasheet
75Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X31DC60J MICROSEMI-APT2X31DC60J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X41DC60J MICROSEMI-APT2X41DC60J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X51DC60J MICROSEMI-APT2X51DC60J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X31DC120J MICROSEMI-APT2X31DC120J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X51DC120J MICROSEMI-APT2X51DC120J Datasheet
75Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X61DC60J MICROSEMI-APT2X61DC60J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT20M120JCU2 MICROSEMI-APT20M120JCU2 Datasheet
115Kb / 5P
   ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com