Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APT2X41DC60J Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT2X41DC60J
Description  ISOTOP짰 SiC Diode Power Module
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT2X41DC60J Datasheet(HTML) 3 Page - Microsemi Corporation

  APT2X41DC60J Datasheet HTML 1Page - Microsemi Corporation APT2X41DC60J Datasheet HTML 2Page - Microsemi Corporation APT2X41DC60J Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
APT2X41DC60J
APT2X40DC60J
www.microsemi.com
3 – 3
Typical Diode Performance Curve
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.00001
0.0001
0.001
0.01
0.1
1
10
Rectangular Pulse Duration (Seconds)
Forward Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
20
40
60
80
0
0.5
11.5
22.5
33.5
VF Forward Voltage (V)
Reverse Characteristics
TJ=25°C
TJ=75°C
TJ=125°C
TJ=175°C
0
100
200
300
400
500
600
700
800
200
300
400
500
600
700
800
VR Reverse Voltage (V)
Capacitance vs.Reverse Voltage
0
200
400
600
800
1000
1200
1400
1600
1
10
100
1000
VR Reverse Voltage
ISOTOP® is a registered trademark of ST Microelectronics NV
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.


Similar Part No. - APT2X41DC60J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT2X41DC120J MICROSEMI-APT2X41DC120J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
More results

Similar Description - APT2X41DC60J

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APT2X21DC60J MICROSEMI-APT2X21DC60J Datasheet
77Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X21DC120J MICROSEMI-APT2X21DC120J Datasheet
75Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X61DC120J MICROSEMI-APT2X61DC120J Datasheet
75Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X31DC60J MICROSEMI-APT2X31DC60J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X51DC60J MICROSEMI-APT2X51DC60J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X31DC120J MICROSEMI-APT2X31DC120J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X51DC120J MICROSEMI-APT2X51DC120J Datasheet
75Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X41DC120J MICROSEMI-APT2X41DC120J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT2X61DC60J MICROSEMI-APT2X61DC60J Datasheet
76Kb / 3P
   ISOTOP짰 SiC Diode Power Module
APT20M120JCU2 MICROSEMI-APT20M120JCU2 Datasheet
115Kb / 5P
   ISOTOP짰 Boost chopper MOSFET SiC chopper diode Power module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com