Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SCR544R Datasheet(PDF) 4 Page - Rohm

Part # 2SCR544R
Description  Midium Power Transistors (80V / 2.5A)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR544R Datasheet(HTML) 4 Page - Rohm

  2SCR544R Datasheet HTML 1Page - Rohm 2SCR544R Datasheet HTML 2Page - Rohm 2SCR544R Datasheet HTML 3Page - Rohm 2SCR544R Datasheet HTML 4Page - Rohm 2SCR544R Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.A
Data Sheet
2SCR544R
Switching time test circuit
BASE CURENT WAVEFORM
COLLECTOR CURRENT
WAVEFORM
VIN
Pw
Pw 50μs
DUTY CYCLE
1%
tstg
IB1
IB2
90%
10%
ton
tf
IC
RL=7.5Ω
IB1
IB2
IC
VCC 10V
~_
~_


Similar Part No. - 2SCR544R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SCR544R ROHM-2SCR544R Datasheet
211Kb / 5P
   Midium Power Transistors
2SCR544R ROHM-2SCR544R_11 Datasheet
211Kb / 5P
   Midium Power Transistors
More results

Similar Description - 2SCR544R

ManufacturerPart #DatasheetDescription
logo
Rohm
2SAR544P ROHM-2SAR544P_09 Datasheet
243Kb / 5P
   Midium Power Transistors (-80V / -2.5A)
2SAR544D ROHM-2SAR544D Datasheet
408Kb / 6P
   Midium Power Transistors (-80V / -2.5A)
2SCR544P ROHM-2SCR544P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (80V / 2.5A)
2SCR544P5 ROHM-2SCR544P5 Datasheet
1Mb / 9P
   Midium Power Transistors (80V / 2.5A)
2SAR544R ROHM-2SAR544R_10 Datasheet
229Kb / 5P
   Midium Power Transistors (-80V / -2.5A)
2SCR544D ROHM-2SCR544D Datasheet
425Kb / 6P
   Midium Power Transistors (80V / 2.5A)
2SCR514P ROHM-2SCR514P_10 Datasheet
347Kb / 6P
   Midium Power Transistors (80V / 0.7A)
2SCR554P ROHM-2SCR554P_09 Datasheet
246Kb / 5P
   Midium Power Transistors (80V / 1.5A)
2SCR514P ROHM-2SCR514P_09 Datasheet
242Kb / 5P
   Midium Power Transistors (80V / 700mA)
2SAR554P ROHM-2SAR554P_09 Datasheet
244Kb / 5P
   Midium Power Transistors (-80V / -1.5A)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com