Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2460S Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS2460S
Description  SHA-1 Coprocessor with EEPROMAbridged Data Sheet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2460S Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS2460S Datasheet HTML 1Page - Maxim Integrated Products DS2460S Datasheet HTML 2Page - Maxim Integrated Products DS2460S Datasheet HTML 3Page - Maxim Integrated Products DS2460S Datasheet HTML 4Page - Maxim Integrated Products DS2460S Datasheet HTML 5Page - Maxim Integrated Products DS2460S Datasheet HTML 6Page - Maxim Integrated Products DS2460S Datasheet HTML 7Page - Maxim Integrated Products DS2460S Datasheet HTML 8Page - Maxim Integrated Products DS2460S Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Abridged Data Sheet
DS2460
5 of 9
Slave Address
The slave address to which the DS2460 responds is shown in Figure 5. The logic states at the address pins AD0,
AD1 and AD2 determine the value of the address bits A0, A2, and A4. The address pins allow the device to
respond to one of eight possible slave addresses. The slave address is part of the slave-address/control byte. The
last bit of the slave-address/control byte (R/
W) defines the data direction. When set to a 0, subsequent data will
flow from master to slave (write access mode); when set to a 1, data will flow from slave to master (read access
mode).
Figure 4. I²C Protocol Overview
SCL
SDA
12
6
7
8
ACK
9
9
12
8
MS-bit
R/W
Slave Address
ACK
bit
Acknowledgment
from Receiver
ACK
bit
START
Condition
ACK
Repeated if more bytes
are transferred
STOP Condition
Repeated START
Condition
Idle
Figure 5. DS2460 Slave Address
A6
A5
A4
A3
A2
A1
A0
1
0
AD2
0
AD1
0
AD0 R/W
7-Bit Slave Address
Most Signi-
ficant Bit
Determines
Read or Write
AD2, AD1, AD0
Pin States
I²C Definitions
The following terminology is commonly used to describe I²C data transfers. The timing references are defined in
Figure 6.
Bus Idle or Not Busy
Both, SDA and SCL, are inactive and in their logic HIGH states.
START Condition
To initiate communication with a slave, the master has to generate a START condition. A START condition is
defined as a change in state of SDA from HIGH to LOW while SCL remains HIGH. A valid slave address must be
sent by the master and acknowledged by the slave before subsequent START conditions are recognized.
STOP Condition
To end communication with a slave, the master has to generate a STOP condition. A STOP condition is defined as
a change in state of SDA from LOW to HIGH while SCL remains HIGH. A valid slave address must be sent by the
master and acknowledged by the slave before subsequent STOP conditions are recognized.


Similar Part No. - DS2460S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2460S DALLAS-DS2460S Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
DS2460S++ DALLAS-DS2460S+ Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
DS2460S+/TR DALLAS-DS2460S+/TR Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
DS2460S/TR DALLAS-DS2460S/TR Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
More results

Similar Description - DS2460S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2460 DALLAS-DS2460 Datasheet
133Kb / 8P
   SHA-1 Coprocessor with EEPROM
logo
Maxim Integrated Produc...
DS2465 MAXIM-DS2465 Datasheet
2Mb / 31P
   SHA-256 Coprocessor with 1-Wire Master Function
Rev 0; 4/12
DS2465 MAXIM-DS2465_13 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 2; 1/13
DS2465 MAXIM-DS2465_V01 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
219-0017; Rev 3; 9/13
DS24L65 MAXIM-DS24L65 Datasheet
2Mb / 30P
   DeepCover Secure Authenticator with SHA-256 Coprocessor and 1-Wire Master Function
Rev 1; 9/13
DS2477 MAXIM-DS2477 Datasheet
247Kb / 21P
   DeepCover Secure SHA-3 Coprocessor with ChipDNA PUF Protection
2020
DSSHA1 MAXIM-DSSHA1 Datasheet
244Kb / 9P
   Memory-Mapped SHA-1 Coprocessor Five 32-Bit Registers to Read MAC Result
Rev 0; 5/11
DS2703 MAXIM-DS2703 Datasheet
375Kb / 20P
   SHA-1 Battery Pack SHA-1 Battery Pack
REV: 061307
DS2432 MAXIM-DS2432 Datasheet
165Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
060608
DS2432 MAXIM-DS2432_12 Datasheet
432Kb / 17P
   1Kb Protected 1-Wire EEPROM with SHA-1 Engine
Rev 3/12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com