Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SAR542P Datasheet(PDF) 4 Page - Rohm

Part No. 2SAR542P
Description  Midium Power Transistors (-30V / -5A)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

2SAR542P Datasheet(HTML) 4 Page - Rohm

  2SAR542P_09 Datasheet HTML 1Page - Rohm 2SAR542P_09 Datasheet HTML 2Page - Rohm 2SAR542P_09 Datasheet HTML 3Page - Rohm 2SAR542P_09 Datasheet HTML 4Page - Rohm 2SAR542P_09 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
2SAR542P
Switching time test circuit
IB2
IB1
90%
10%
tstg
ton
tf
IC
VIN
Pw
Pw 50μs
DUTY CYCLE
1%
IB1
IB2
IC
RL=4Ω
VCC -10V
~
_
~
_
BASE CURENT WAVEFORM
COLLECTOR CURRENT WAVEFORM


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn