Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SAR542P Datasheet(PDF) 3 Page - Rohm

Part No. 2SAR542P
Description  Midium Power Transistors (-30V / -5A)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

2SAR542P Datasheet(HTML) 3 Page - Rohm

  2SAR542P_09 Datasheet HTML 1Page - Rohm 2SAR542P_09 Datasheet HTML 2Page - Rohm 2SAR542P_09 Datasheet HTML 3Page - Rohm 2SAR542P_09 Datasheet HTML 4Page - Rohm 2SAR542P_09 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
2SAR542P
Electrical characteristic curves
COLLECTOR - BASE VOLTAGE : VCB [V]
EMITTER - BASE VOLTAGE : VEB [V]
Fig.7 Emitter Input Capacitance vs.
Emitter-Base Voltage
Collector Output Capacitance vs.
Collector-Base Voltage
COLLECTOR CURRENT : IC[mA]
COLLECTOR CURRENT : IC[mA]
EMITTER CURRENT : IE[mA]
COLECTOR TO EMITTER VOLTAGE : VCE[V]
Fig.6 Ground Emitter Propagation
Characteristics
Fig.1 Typical Output Characteristics
COLLECTOR CURRENT : IC[mA]
Fig.2 DC Current Gain vs.
Collector Current (
Ι )
COLLECTOR CURRENT : IC[mA]
Fig3. DC Current Gain vs.
Collector Current (
ΙΙ )
Fig.4 Collector-Emitter Saturation Voltage
vs. Collector Current (
Ι )
Fig.5 Collector-Emitter Saturation Voltage
vs. Collector Current (
ΙΙ )
Fig.8 Gain Bandwidth Product vs.
Emitter Current
Fig.9 Safe Operating Area
COLLECTOR TO EMITTER VOLTAGE : VCE[V]
BASE TO EMITTER VOLTAGE : VBE[V]
-1
-10
-100
-1000
-10000
0.3
-0.2
-0.7
-1.2
1
10
100
1000
-0.1
-1
-10
-100
-0.1
-1
-10
-100
-0.001
-0.01
-0.1
-1
10
100
1000
10
100
1000
-1
-10000
-1000
-100
-10
-1
-10000
-1000
-100
-10
-1
-10000
-1000
-100
-10
-0.001
-0.01
-0.1
-1
-1
-10000
-1000
-100
-10
0.0
-0.5
-1
-1.5
-2.0
10
100
1000
10
100
1000
-0.01
-0.1
-1
-100
-10
Cob
Cib
-0.50
-0.45
-0.40
-0.35
-0.30
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-2.0mA
-1.5mA
-1.0mA
-0.5mA
-2.5mA
-5.0mA
Ta=25°C
VCE = -5V
-2V
VCE = -2V
VCE = -2V
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
IC/IB=50
20
10
IC/IB=20
Ta=125°C
75°C
25°C
-40°C
Ta=125°C
75°C
25°C
-40°C
Ta=25°C
f=1MHz
IE=0A
IC=0A
Ta=25°C
VCE = -10V
100ms
10ms
1ms
Single pulse
DC Ta=25°C
(Mounted on a
recommended land)
DC Ta=25°C
(Mounted on a ceramic board)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn