Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SAR542P Datasheet(PDF) 2 Page - Rohm

Part No. 2SAR542P
Description  Midium Power Transistors (-30V / -5A)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

2SAR542P Datasheet(HTML) 2 Page - Rohm

  2SAR542P_09 Datasheet HTML 1Page - Rohm 2SAR542P_09 Datasheet HTML 2Page - Rohm 2SAR542P_09 Datasheet HTML 3Page - Rohm 2SAR542P_09 Datasheet HTML 4Page - Rohm 2SAR542P_09 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
2SAR542P
Electrical characteristic (Ta = 25
C)
Symbol
Min.
Typ.
Max.
Unit
Collector-emitter breakdown voltage
BVCEO
-30
-
-
V
IC= -1mA
Collector-base breakdown voltage
BVCBO
-30
-
-
V
IC= -100μA
Emitter-base breakdown voltage
BVEBO
-6
-
-
V
IE= -100μA
Collector cut-off current
ICBO
--
-1
A VCB= -30V
Emitter cut-off current
IEBO
--
-1
A VEB= -4V
Collector-emitter staturation voltage
VCE(sat)
-
-200
-400
mV IC= -2A, IB= -100mA
DC current gain
hFE
200
-
500
-
VCE= -2V, IC= -500mA
Turn-on time
ton
-45
-
ns
Storage time
tstg
-
200
-
ns
Fall time
tf
-25
-
ns
*1 Pulsed
*2 See switching time test circuit
pF
VCB= -10V, IE=0A
f=1MHz
-
IC= -2.5A,IB1= -250mA,
IB2=250mA,VCC -10V
Conditions
Parameter
MHz
240
-
VCE= -10V
IE=100mA, f=100MHz
Transition frequency
fT
-
-40
Collector output capacitance
Cob
*2
*2
*2
~_
*1
*1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn