Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SAR542P Datasheet(PDF) 1 Page - Rohm

Part No. 2SAR542P
Description  Midium Power Transistors (-30V / -5A)
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ROHM [Rohm]
Homepage  http://www.rohm.com
Logo ROHM - Rohm

2SAR542P Datasheet(HTML) 1 Page - Rohm

  2SAR542P_09 Datasheet HTML 1Page - Rohm 2SAR542P_09 Datasheet HTML 2Page - Rohm 2SAR542P_09 Datasheet HTML 3Page - Rohm 2SAR542P_09 Datasheet HTML 4Page - Rohm 2SAR542P_09 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/4
www.rohm.com
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Midium Power Transistors (-30V / -5A)
2SAR542P
 Structure
 Dimensions
(Unit : mm)
PNP Silicon epitaxial planar transistor
 Features
1) Low saturation voltage, typically
VCE (sat) = -0.4V (Max.) (IC / IB= -2A / -100mA)
2) High speed switching
 Applications
Driver
 Inner circuit
(Unit : mm)
Package
Taping
Code
T100
Basic ordering unit (pieces)
1000
2SAR542P
 Absolute maximum ratings
(Ta = 25
C)
Symbol
Limits
Unit
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-30
V
Emitter-base voltage
VEBO
-6
V
DC
IC
-5
A
Pulsed
ICP
-10
A
PD
0.5
W
PD
2W
Junction temperature
Tj
150
C
Range of storage temperature
Tstg
-55 to 150
C
*1 Pw=10ms, Single Pulse
*2 Each terminal mounted on a recommended land.
*3 Mounted on a ceramic board. (40x40x0.7mm³)
 Packaging specifications
Type
Parameter
Collector current
Power dissipation
*1
*2
*3
Abbreviated symbol : MQ
(1)
(2)
(3)
(1) Base
(2) Collector
(3) Emitter


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn