Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSSB022200 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSB022200
Description  Slide Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSB022200 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSB022200 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSB022200 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSB022200 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSB022200 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
145
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Terminal Configuration
Actuator Configuration
Circuit DiagramViewed from Direction A
PC board
mounting face
0.5
PC board
mounting face
1
Unit:mm
2-positions
3-positions
6.5
7
3.3
4
0.25
1 1 1 1 1 1
0.25
0.5
6.5
R5.5
c
c
12
3
45
6
c
c
1 23
4
56 7
8
c
c
c
c
12
3
4
5
6
78
9
!11
!2
!0
2-poles, 2-positions
2-poles, 3-positions
4-poles, 2-positions
Unit:mm
12(H)mm, 4mm-travel Type
SSSB Series
Slide Switch


Similar Part No. - SSSB022200

ManufacturerPart #DatasheetDescription
logo
Bedford Opto Technology...
SSS-002 BOT-SSS-002 Datasheet
49Kb / 2P
   Slotted Optical Switch With Flying Leads
SSS-017 BOT-SSS-017 Datasheet
53Kb / 2P
   Two Channel Optical Switch
logo
List of Unclassifed Man...
SSS-1 ETC2-SSS-1 Datasheet
739Kb / 16P
   MiscellanIenoduosoSrp/eOauktedroso/rGSrpileleask&erWsall Baffles
logo
SHINMEI ELECTRIC CO., L...
SSS-100-T42 SHINMEI-SSS-100-T42 Datasheet
38Kb / 2P
   Lever-type Detector Switches
SSS-12 SHINMEI-SSS-12 Datasheet
173Kb / 4P
   Detector Switch
More results

Similar Description - SSSB022200

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
   Slide Switch
SSSS820101 ALPS-SSSS820101 Datasheet
426Kb / 6P
   Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
   Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
   Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
   Slide Switch
logo
List of Unclassifed Man...
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
   Slide Switch
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
   Slide Switch
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
   Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSS912000 ALPS-SSSS912000 Datasheet
395Kb / 6P
   Slide Switch
SSSU011700 ALPS-SSSU011700 Datasheet
306Kb / 5P
   Slide Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com