Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50S-1821 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50S-1821
Description  1P2T SOLID STATE RF SWITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50S-1821 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50S-1821 Datasheet HTML 1Page - JFW Industries, Inc. 50S-1821 Datasheet HTML 2Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1P2T SOLID STATE RF SWITCH
SPECIFICATION SHEET
JFW MODEL 50S-1821
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
800-3000 MHz
Configuration
1P2T
Impedance
50 Ohms nominal
VSWR
1.4:1 maximum
Insertion Loss
0.60 dB typical 800-2000 MHz
1.00 dB maximum 800-2000 MHz
0.90 dB typical 2000-3000 MHz
1.30 dB maximum 2000-3000 MHz
Isolation
75 dB typical 800-2000 MHz
65 dB minimum 800-2000 MHz
65 dB typical 2000-3000 MHz
55 dB minimum 2000-3000 MHz
Switching Speed
10 microseconds maximum
6 microseconds typical
(50% TTL to 10% or 90% RF)
Switching Transients
< 1.0 Vpk-pk typical
< 2.0 Vpk-pk maximum (for any rep rate)
RF Input Power
(Cold Switched)
75 Watts average (-20ºC to +50ºC)
50 Watts average (+50º to +70ºC)
RF Input Power
(Hot Switched)
30 Watts average (-20ºC to +70ºC)
Spurious Noise
(Out-of-Band)
This switch shall produce:
< -73dBm (100-800MHz)
< -50dBm (1-100MHz)
This is to be tested on the common port
with J1 and J2 terminated into 50 Ohms.
Control (1 line)
TTL "Low" Common to J1
TTL "High" Common to J2
DC Supply
+15 Vdc @ 80 mA nominal
and
+5 Vdc @ 40 mA nominal
RF Connector
BNC, SMA, TNC or N female
JFW FORM E-7-F REV F
Page 1 of 2
--CONTINUED--


Similar Part No. - 50S-1821

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-1820 JFW-50S-1820 Datasheet
30Kb / 2P
   1P2T SOLID STATE RF SWITCH
More results

Similar Description - 50S-1821

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50S-976 JFW-50S-976 Datasheet
26Kb / 1P
   1P2T SOLID STATE RF SWITCH
50S-1191 JFW-50S-1191 Datasheet
26Kb / 1P
   1P2T SOLID STATE RF SWITCH
50S-1352 JFW-50S-1352 Datasheet
26Kb / 1P
   1P2T SOLID STATE RF SWITCH
50S-1463 JFW-50S-1463 Datasheet
26Kb / 1P
   1P2T SOLID STATE RF SWITCH
50S-1505 JFW-50S-1505 Datasheet
26Kb / 1P
   1P2T SOLID STATE RF SWITCH
50S-1841 JFW-50S-1841 Datasheet
30Kb / 2P
   1P2T SOLID STATE RF SWITCH
50S-1559 JFW-50S-1559 Datasheet
26Kb / 1P
   1P2T SOLID STATE RF SWITCH
50S-1163 JFW-50S-1163 Datasheet
26Kb / 1P
   1P2T SOLID STATE RF SWITCH
50S-1422 JFW-50S-1422 Datasheet
26Kb / 1P
   1P2T SOLID STATE RF SWITCH
50S-1820 JFW-50S-1820 Datasheet
30Kb / 2P
   1P2T SOLID STATE RF SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com