Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HJP1040CT Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HJP1040CT
Description  10A SCHOTTKY BARREIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HJP1040CT Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HJP1040CT Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HJP1040CT Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
10A SCHOTTKY BARREIER RECTIFIER
Features
Package
Schottky Barrier Chip
Guard Ring Die Construction for Transient Protection
Low Power Loss,High Efficiency
High Surge Capability
High Current Capability and Low Forward Voltage Drop
For Use in Low Voltage,High Frequency Inverters,Free Wheelings
,and Polarity Protection Applications
Maximum Ratings
█ Electrical Characteristic@Ta=25℃unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load.
For capacitive load,derate current by 20%.
Characteristic
Symbol
Min
Max
Unit
Condition
Forward Voltage Drop
VFM
0.55
V
IF=5A,TC=25℃
Peak Reverse Current
at Rated DC Blocking Voltage
IRM
0.5
50
mA
VR = VRRM TC=25℃
TC=100℃
Typical Junction Capacitance(Note 2)
Cj
700
pF
Typical Thermal Resistance Junction to Case(Note 1)
Rth-j
3.5
/W
Notes:1、Thermal resistance junction to case mounted on heatsink.
2、Measured at 1.0 MHz and Applied Reverse Voltage of 4.0V DC
.
HJP1040CT
1―Pin A1
2―Pin K
3―Pin A2
TO-220
Tstg——Storage Temperature………………………………… -65~150℃
Tj——Operating Temperature…………………………………-65~150℃
VRRM——Peak Repetitive Reverse Voltage………………………… 40V
VRWM —— Working Peak Reverse Voltage…………………………40V
VR——DC Blocking Voltage………………………………………… 40V
VR(RMS) ——RMS Reverse Voltage………………………………… 28V
IFAV——Average Recified Output Current@Tc=95℃……………………Double Dies 10A
(Note 1)
……………………
Single Die 5A
IFSM——Non-Repetitive Peak Forward Surge Current(Single Die,60HZ)…………150A


Similar Part No. - HJP1040CT

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HJP10100CT HUASHAN-HJP10100CT Datasheet
178Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HJP1060CT HUASHAN-HJP1060CT Datasheet
618Kb / 2P
   10A SCHOTTKY BARREIER RECTIFIER
More results

Similar Description - HJP1040CT

ManufacturerPart #DatasheetDescription
logo
SHANTOU HUASHAN ELECTRO...
HKP1040CT HUASHAN-HKP1040CT Datasheet
529Kb / 2P
   10A SCHOTTKY BARREIER RECTIFIER
HJP1060CT HUASHAN-HJP1060CT Datasheet
618Kb / 2P
   10A SCHOTTKY BARREIER RECTIFIER
HKW10100CT HUASHAN-HKW10100CT Datasheet
132Kb / 3P
   10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF10150CT HUASHAN-HKF10150CT Datasheet
101Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF10200CT HUASHAN-HKF10200CT Datasheet
101Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKP10150CT HUASHAN-HKP10150CT Datasheet
137Kb / 3P
   10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HJP10100CT HUASHAN-HJP10100CT Datasheet
178Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HKF10100CT HUASHAN-HKF10100CT Datasheet
101Kb / 2P
   10A HIGH VOLTAGE SCHOTTKY BARREIER RECTIFIER
HJP2040CT HUASHAN-HJP2040CT Datasheet
224Kb / 2P
   20A SCHOTTKY BARREIER RECTIFIER
HKP2060CT HUASHAN-HKP2060CT Datasheet
523Kb / 2P
   20A SCHOTTKY BARREIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com