Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VG37648041AT Datasheet(PDF) 31 Page - Vanguard International Semiconductor

Part # VG37648041AT
Description  256M:x4, x8, x16 CMOS Synchronous Dynamic RAM
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VML [Vanguard International Semiconductor]
Direct Link  http://www.vis.com.tw
Logo VML - Vanguard International Semiconductor

VG37648041AT Datasheet(HTML) 31 Page - Vanguard International Semiconductor

Back Button VG37648041AT Datasheet HTML 27Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 28Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 29Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 30Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 31Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 32Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 33Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 34Page - Vanguard International Semiconductor VG37648041AT Datasheet HTML 35Page - Vanguard International Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 86 page
background image
Document : 1G5-0157
Rev.1
Page 31
VIS
Preliminary
VG37648041AT
256M:x4, x8, x16
CMOS Synchronous Dynamic RAM
Data from any READ burst may be truncated with a BURST TERMINATE command, as shown in Figure 11. The
BURST TERMINATE latency is equal to the read (CAS) latency, i.e. the BURST TERMINATE command should be
issued x cycles after the READ command, where x equals the number of desired data element pairs (pairs are
required by the 2n prefetch architecture).
Data from any READ burst must be completed or truncated before a subsequent WRITE command can be
issued. If truncation is necessary, the BURST TERMINATE command must be used, as shown in Figure 12. The
tDDS MIN case is shown; the tDDS MAX case has a longer bus idle time (tDDS MIN and tDDS MAX are defined in
the section on WRITEs).
A READ burst may be followed by, or truncated with, a PRECHARGE command to the same bank (provided that
AUTO PRECHARGE was not activated). The PRECHARGE command should be issued x cycles after the READ
command, where x equals the number of desired data element paires (pairs are required by the 2n prefetch architec-
ture). This is shown if Figure 13 for READ latencies of 2.2.5 and 3. Following the PRECHARGE command, a subse-
quent command to the same bank cannot be issued until tRP is met. Note that part of the row precharge time is
hidden during the access of the last data elements.
In the case of a READ being executed to completion. a PRECHARGE command issued at the optimum time
(asdescribed above) provides the same operation that would result from the same READ burst with AUTO PRE-
CHARGE enabled. The disadvantage of the precharge command is that it requires that the command and address
buses be available at the appropriate time to issue the command. The advantage of the PRECHARGE command is
that it can be used to truncate bursts.


Similar Part No. - VG37648041AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VG3-3 ETC2-VG3-3 Datasheet
34Kb / 1P
   VERT-O-GUIDE
VG3-3 ETC2-VG3-3 Datasheet
34Kb / 1P
   VERT-O-GUIDE
VG3-35 ETC2-VG3-35 Datasheet
34Kb / 1P
   VERT-O-GUIDE
VG3-35 ETC2-VG3-35 Datasheet
34Kb / 1P
   VERT-O-GUIDE
VG3-4 ETC2-VG3-4 Datasheet
34Kb / 1P
   VERT-O-GUIDE
More results

Similar Description - VG37648041AT

ManufacturerPart #DatasheetDescription
logo
Vanguard International ...
VG36128401A VML-VG36128401A Datasheet
940Kb / 69P
   CMOS Synchronous Dynamic RAM
logo
List of Unclassifed Man...
VG36641641DT-6 ETC-VG36641641DT-6 Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
logo
Vanguard International ...
VG36128401BT VML-VG36128401BT Datasheet
1Mb / 68P
   CMOS Synchronous Dynamic RAM
VG36648041CT VML-VG36648041CT Datasheet
949Kb / 70P
   CMOS Synchronous Dynamic RAM
VG36256401A VML-VG36256401A Datasheet
944Kb / 69P
   CMOS Synchronous Dynamic RAM
VG3664321412BT VML-VG3664321412BT Datasheet
978Kb / 72P
   CMOS Synchronous Dynamic RAM
VG36644041DT VML-VG36644041DT Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG3617161ET VML-VG3617161ET Datasheet
1Mb / 69P
   CMOS Synchronous Dynamic RAM
VG36641641BT VML-VG36641641BT Datasheet
974Kb / 70P
   CMOS Synchronous Dynamic RAM
VG3617801CT VML-VG3617801CT Datasheet
1,008Kb / 68P
   16Mb CMOS Synchronous Dynamic RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com