Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

50PA-392 Datasheet(PDF) 1 Page - JFW Industries, Inc.

Part # 50PA-392
Description  LC HANDOVER TEST SYSTEM
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JFW [JFW Industries, Inc.]
Direct Link  http://www.jfwindustries.com
Logo JFW - JFW Industries, Inc.

50PA-392 Datasheet(HTML) 1 Page - JFW Industries, Inc.

  50PA-392 Datasheet HTML 1Page - JFW Industries, Inc. 50PA-392 Datasheet HTML 2Page - JFW Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LC HANDOVER TEST SYSTEM
SPECIFICATION SHEET
JFW MODEL 50PA-392
JFW Industries, Inc.
Phone:
317-887-1340
sales@jfwindustries.com
www.jfwindustries.com
Frequency Range
800-2200 MHz
Configuration
6 x 1 LC Handover Test System
(See block diagram 092-5640)
Impedance
50 Ohms nominal
VSWR
1.6:1 maximum
Attenuation Range
0-127 dB in 1 dB steps
Insertion Loss
15.9 dB nominal
Attenuation Accuracy
± 0.4 dB or 2% of programmed
(whichever is greater)
Power Divider Isolation
25 dB minimum
RF Input Power
+20 dBm
Switching Speed
5 microseconds typical
(after command is received and processed)
(3 milliseconds typical processing time)
AC Supply
100-240 VAC @ 47-63 Hz
Manual Control
Keypad and LCD display
Remote Control
Ethernet (10/100) and RS-232
Remote Commands
Variable Handover (VHND Av Aw Vx Vy Tz)
Feedback Handover (FHND Av Aw Vx Vy Tz)
Fade Attenuator
(FAx y z t <CR>)
Feedback Fade
(FFAx y z t <CR>)
Pause
(PAUSEx)
Set Attenuator
(SAx y <CR>)
Read Attenuator
(RAx <CR>)
Change Baud Rate
(CBx <CR>)
Identification
(IDN <CR>)
Baud Rates (RS-232 mode)
9600, 19200, or 38400 Baud
RF Connector
N female
Temperature Range
0ºC to +50ºC
Physical Size
See outline drawing 092-5641
JFW FORM E-7-F REV F
Page 1 of 2
--CONTINUED--


Similar Part No. - 50PA-392

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-393 JFW-50PA-393 Datasheet
27Kb / 1P
   HANDOVER TEST SYSTEM
More results

Similar Description - 50PA-392

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50PA-1091 JFW-50PA-1091 Datasheet
31Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-420 JFW-50PA-420 Datasheet
30Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-701 JFW-50PA-701 Datasheet
32Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-716 JFW-50PA-716 Datasheet
32Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-717 JFW-50PA-717 Datasheet
32Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-811 JFW-50PA-811 Datasheet
32Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-411 JFW-50PA-411 Datasheet
30Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-688 JFW-50PA-688 Datasheet
32Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-1021 JFW-50PA-1021 Datasheet
32Kb / 2P
   LC HANDOVER TEST SYSTEM
50PA-825 JFW-50PA-825 Datasheet
32Kb / 2P
   HANDOVER TEST SYSTEM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com