Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44-305263-20-P Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 44-305263-20-P
Description  44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

44-305263-20-P Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  44-305263-20-P Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• A cost-effective means of upgrading to QFP without changing your PCB layout.
GENERAL SPECIFICATIONS
• BOARD MATERIAL: 0.062 thick FR-4 with 1-oz. Cu traces, both sides
• PINS: Brass 360 1/2-hard per UNS C36000, ASTM B16/B16M
• PIN PLATING: 200µ [5.08µ] Sn/Pb 93/7 per ASTM B579-73 over 100µ [2.54µ]
Ni per SAE AMS-QQ-N-290
• OPERATING TEMPERATURE: 221ºF [105ºC]
MOUNTING CONSIDERATIONS
• Standard PLCC SMT pads
18081
Rev. AA
44-Pin 0.8mm
QFP-to-44-Pin PLCC Adapter
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
ORDERING INFORMATION
44-305263-20-P
Optional Panelized Version


Similar Part No. - 44-305263-20-P

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
44-3551-10 ARIES-44-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
44-3551-10TL ARIES-44-3551-10TL Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
44-3551-11 ARIES-44-3551-11 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
44-3551-16 ARIES-44-3551-16 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
44-3551-18 ARIES-44-3551-18 Datasheet
642Kb / 1P
   High-Temperature Universal Zero-Insertion-Force DIP Test Socket
More results

Similar Description - 44-305263-20-P

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
18081 ARIES-18081 Datasheet
572Kb / 1P
   44-Pin 0.8mm QFP-to-44-Pin PLCC Adapter
logo
List of Unclassifed Man...
PA44QF03-44QF ETC2-PA44QF03-44QF Datasheet
37Kb / 1P
   44 pin QFP socket/44 pin QFP plug
PA44-PP ETC2-PA44-PP Datasheet
34Kb / 1P
   44 pin PLCC socket/44 pin PLCC plug
logo
Holtek Semiconductor In...
HT48R52A HOLTEK-HT48R52A_14 Datasheet
816Kb / 36P
   44-pin QFP / LQFP
HT48R54A HOLTEK-HT48R54A_14 Datasheet
509Kb / 42P
   44-pin QFP/LQFP
logo
List of Unclassifed Man...
PA40-44-P64-DZ-QF ETC2-PA40-44-P64-DZ-QF Datasheet
78Kb / 1P
   40 pin DIP socket/44 pin QFP plug
logo
Assmann Electronics Inc...
A-CCS44-Z-R ASSMANN-A-CCS44-Z-R Datasheet
266Kb / 1P
   PLCC SOCKET 44 PIN, TIN
A-CCS44-G-R ASSMANN-A-CCS44-G-R Datasheet
268Kb / 1P
   PLCC SOCKET 44 PIN, GOLD
logo
List of Unclassifed Man...
PA40DZ-44QF-34 ETC2-PA40DZ-44QF-34 Datasheet
42Kb / 1P
   40 pin DIP socket/44 pin QFP plug
logo
Renesas Technology Corp
PCA4913 RENESAS-PCA4913 Datasheet
172Kb / 1P
   Converter for Connecting 42-pin RSS Type Emulator MCU to 44-pin 0.8mm-pitch QFP
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com