Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCMT11 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # TCMT11
Description  Optocoupler with Phototransistor Output
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TCMT11 Datasheet(HTML) 4 Page - Vishay Siliconix

  TCMT11 Datasheet HTML 1Page - Vishay Siliconix TCMT11 Datasheet HTML 2Page - Vishay Siliconix TCMT11 Datasheet HTML 3Page - Vishay Siliconix TCMT11 Datasheet HTML 4Page - Vishay Siliconix TCMT11 Datasheet HTML 5Page - Vishay Siliconix TCMT11 Datasheet HTML 6Page - Vishay Siliconix TCMT11 Datasheet HTML 7Page - Vishay Siliconix TCMT11 Datasheet HTML 8Page - Vishay Siliconix TCMT11 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TCMT11.. Series
Vishay Semiconductors
www.vishay.com
4 (12)
Rev. A2, 15–Dec–00
Document Number 83510
Switching Characteristics
Parameter
Test Conditions
Symbol
Typ.
Unit
Delay time
VS = 5 V, IC = 2 mA, RL = 100 W (see figure 1)
td
3.0
ms
Rise time
S
C
L
(g
)
tr
3.0
ms
Fall time
tf
4.7
ms
Storage time
ts
0.3
ms
Turn-on time
ton
6.0
ms
Turn-off time
toff
5.0
ms
Turn-on time
VS = 5 V, IF = 10 mA, RL = 1 kW (see figure 2)
ton
9.0
ms
Turn-off time
S
F
L
(g
)
toff
18.0
ms
Channel I
Channel II
95 10804
Oscilloscope
RL = 1 MW
CL = 20 pF
RG = 50 W
tp
tp = 50 ms
T
= 0.01
+ 5 V
IC = 2 mA; adjusted through
input amplitude
IF
0
IF
50
W
100
W
Figure 1. Test circuit, non-saturated operation
+ 5 V
IF = 10 mA
95 10843
IC
Channel I
Channel II
Oscilloscope
RL > 1 MW
CL < 20 pF
IF
0
RG = 50 W
tp
tp = 50 ms
T
= 0.01
50
W
1 k
W
Figure 2. Test circuit, saturated operation
tp
t
t
0
0
10%
90%
100%
tr
td
ton
ts
tf
toff
IF
IC
96 11698
tp
pulse duration
td
delay time
tr
rise time
ton (= td + tr)
turn-on time
ts
storage time
tf
fall time
toff (= ts + tf)
turn-off time
Figure 3. Switching times


Similar Part No. - TCMT11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCMT110 VISHAY-TCMT110 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 3.0, 10-Mar-16
TCMT1100 VISHAY-TCMT1100 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
logo
ISOCOM COMPONENTS
TCMT1100 ISOCOM-TCMT1100 Datasheet
1Mb / 10P
   Half Pitch 1.27mm
logo
Vishay Siliconix
TCMT1100 VISHAY-TCMT1100 Datasheet
152Kb / 9P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 3.0, 10-Mar-16
TCMT1101 VISHAY-TCMT1101 Datasheet
135Kb / 7P
   Optocoupler, Phototransistor Output, Single Channel, Half Pitch Mini-Flat Package
Rev. 2.9, 23-May-13
More results

Similar Description - TCMT11

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.7, 26-Oct-04
TCET1110 VISHAY-TCET1110 Datasheet
266Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 18-Mar-03
TCDT1120 VISHAY-TCDT1120 Datasheet
197Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
   Optocoupler with Phototransistor Output
Rev. 1.6, 26-Oct-04
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-an-99
TCDT1110 VISHAY-TCDT1110 Datasheet
138Kb / 8P
   Optocoupler with Phototransistor Output
Rev. A3, 11-Jan-99
TCET1100 VISHAY-TCET1100 Datasheet
262Kb / 11P
   Optocoupler with Phototransistor Output
Rev. A6, 08-Sep-99
TCET1600 VISHAY-TCET1600 Datasheet
233Kb / 9P
   Optocoupler with Phototransistor Output
Rev. A4, 11-Jan-99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com