Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BVU-5M5QH4 Datasheet(PDF) 4 Page - Bright View Electronic Co., LTD.

Part No. BVU-5M5QH4
Description  SUPER BRIGHTNESS LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BVLED [Bright View Electronic Co., LTD.]
Homepage  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVU-5M5QH4 Datasheet(HTML) 4 Page - Bright View Electronic Co., LTD.

  BVU-5M5QH4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVU-5M5QH4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVU-5M5QH4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVU-5M5QH4 Datasheet HTML 4Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
LAMP PACKING
Fig.
Polybag / Box A
Q'ty / Polybag (pcs)
Device
3mm : 80,000pcs
5mm : 56,000pcs
4 Boxes / Carton
1000pcs
Blue / Green / White : 36,000pcs
1000pcs
53
ITEM NO.
DEVICE:
Q'TY
PCS.
N. W.:
PCS.
G. W.:
PCS.
33
CARTON
Dimension(cm): 53*32*33
3mm(T-1)
5mm(T-1 3/4)
Blue / Green / White
2003 / 9 / 15 - A
32
500pcs
20 bags
18 bags
14 bags
RE
Y
Label 1
Label 2
Label 1
X: Bin grade
: Wavelength
: Vf
BVU-5M5XXXXX
Electronics Co.,Ltd.
QA
29
BOX
Dimension(cm): 29*25*15
15
3mm or 5mm Polybag
Bright View
PART NO.:
GRADE:
LOT NO.:
Q'ty
X-
pcs
-
Label 1
Label 1 or Label 2 attach on it.
25
TYPE
Q'TY
N,W
G,W
C.NO
PCS
KGS
KGS
3
Anti-electrostatic bag
ELECTROSTATIC SENSITIVE DEVICES
DO NOT OPEN OR HANDLE EXCEPT
AT A STATIC-FREE WORKSTATION
Electronics Co.,Ltd.
Bright View
pcs
LOT NO.:
GRADE:
Q'ty
PART NO.:
QA
Label 2
BVU
BVT
- 5 X 1 X X 4 X R
Stand-offs
Luminous Grade -refer to the selection guide for BIN options
Lens Color-refer to lens color (1) to (9)
Dice Code-refer to the selection guide
Lens Configuration -refer to lens drawing
View Angle-refer to the selection guide (A) to (Z)
Outline Dimension -refer to the outline dimension


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn