Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BVU-5M5QH4 Datasheet(PDF) 2 Page - Bright View Electronic Co., LTD.

Part No. BVU-5M5QH4
Description  SUPER BRIGHTNESS LED LAMP
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BVLED [Bright View Electronic Co., LTD.]
Homepage  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVU-5M5QH4 Datasheet(HTML) 2 Page - Bright View Electronic Co., LTD.

  BVU-5M5QH4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVU-5M5QH4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVU-5M5QH4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVU-5M5QH4 Datasheet HTML 4Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
BVU-5M5QH4
SUPER BRIGHTNESS LED LAMP
TYPICAL ELECTRICAL / OPTICAL CHARACTERISTIC CURVES
( Ta = 25 °C )
( Ta = 25 ° C )
Ambient Temperature Ta ( °C )
Ambient Temperature Ta ( °C )
0.5
0
1.0
0
FIG. 1 Forward Current vs. Forward Voltage
Forward Voltage Vf ( V )
FIG. 2 Relative Intensity vs. Forward Current
Forward Current If ( mA )
1.2
FIG. 3 Forward Voltage vs. Temperature
1.1
1.0
0.9
0.8
-50
-25
0
25
50
125
100
75
-50
-25
0
0.5
1.0
1.5
2.0
2.5
3.0
FIG. 4 Relative Intensity vs. Temperature
Ambient Temperature Ta ( °C )
050
25
75
100 125
FIG. 5 Relative Intensity vs. Wavelength ( p )
Wavelength ( nm )
0
20
40
60
80
100
120
FIG. 6 Maximum Forward Current
100
90
70
80
30
50
40
60
10
0
20
1.8
2.8
0.8
1.0
1.5
2.5
2.0
3.0
0.5
10
60
20
30
40
50
0
70
700
650
600
550
0
40
30
20
10
( Ta = 25 °C )
vs. Temperature
2.3
1.3
2008/1/2 - B


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn