Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BVU-5E1BA4 Datasheet(PDF) 1 Page - Bright View Electronic Co., LTD.

Part # BVU-5E1BA4
Description  ULTRA BRIGHTNESS LED LAMP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BVLED [Bright View Electronic Co., LTD.]
Direct Link  http://www.bvled.com.tw
Logo BVLED - Bright View Electronic Co., LTD.

BVU-5E1BA4 Datasheet(HTML) 1 Page - Bright View Electronic Co., LTD.

  BVU-5E1BA4 Datasheet HTML 1Page - Bright View Electronic Co., LTD. BVU-5E1BA4 Datasheet HTML 2Page - Bright View Electronic Co., LTD. BVU-5E1BA4 Datasheet HTML 3Page - Bright View Electronic Co., LTD. BVU-5E1BA4 Datasheet HTML 4Page - Bright View Electronic Co., LTD. BVU-5E1BA4 Datasheet HTML 5Page - Bright View Electronic Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BRIGHT VIEW
ELECTRONICS CO.,LTD
Dice Material : GaN Blue
Light Color : Blue Color
Lens Color : Water Transparent
Stand-Off P/N : BVU-5E1BA4 R
ESD : 2000V ( HBM )
RADIATION PATTERN
Tolerance ± 0.25
ABSOLUTE MAXIMUM RATINGS AT Ta = 25
UNIT
mW
mA
mA
V
mA/
oC
ELECTRICAL / OPTICAL CHARACTERISTICS AT Ta = 25
SYMBOL
UNIT
V F
V
I R
A
n m
n m
2
1/2
Deg
BIN GRADE LIMITS ( I F = 20 mA ) LUMINOUS INTENSITY / mcd
Bin
M
N
O
P
Q
R
Min.
2180
2800
3600
4650
6000
7800
Max.
2800
3600
4650
6000
7800
10000
Tolerance ± 15%mcd
*These products are sensitive to static electricity. Caution must be taken strictly to avoid static electricity.
2006/2/23 – C
PACKAGE CONFIGURATION
ULTRA BRIGHTNESS LED LAMP
DESCRIPTION
BVU-5E1BA4
PARAMETER
MAX.
Power Dissipation
120
Continuous Forward Current
30
Peak Forward Current ( 1/10 Duty Cycle , 0.1ms Pulse Width )
100
Reverse Voltage
5
Derating Linear From 25
0.4
Operating Temperature Range
30
to
80
Storage Temperature Range
40
to
100
Lead Solder Temperature 1.6 mm Below Package 260
for 5 seconds
PARAMETER
TEST COND.
MIN.
TYP.
MAX.
10
Forward Voltage
I F = 20 mA
3.2
4.0
Reverse Current
V R= 5V
Dominant Wavelength
I F = 20 mA
470
Peak Emission Wavelength
I F = 20 mA
465
*Dominant Wavelength,
d is according to CIE Chromaticity Diagram base on color of lamps.
*
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
Viewing Angle
I F = 20 mA
15
*Bright View reserves the rights to alter specifications and remove availability of products at any time without notice.
CATHODE
CATHODE
1.3
5.9
5.9
4.9
5.0
7.6
1.0
2.54
12.8
0.5
25.4Min.
2.54
1.0Min.
0.5
1.0Max.
25.4Min.
1.0
25
Relative Luminous Intensity ( Iv % )
50
50
75
0
25
100
100 75
0
-30
30
60
-60


Similar Part No. - BVU-5E1BA4

ManufacturerPart #DatasheetDescription
logo
Bright View Electronic ...
BVU-5E1GN4 BVLED-BVU-5E1GN4 Datasheet
251Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1QG4 BVLED-BVU-5E1QG4 Datasheet
256Kb / 3P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1QH4 BVLED-BVU-5E1QH4 Datasheet
236Kb / 4P
   SUPER BRIGHTNESS LED LAMP
BVU-5E1QT4 BVLED-BVU-5E1QT4 Datasheet
112Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1TG4 BVLED-BVU-5E1TG4 Datasheet
256Kb / 3P
   ULTRA BRIGHTNESS LED LAMP
More results

Similar Description - BVU-5E1BA4

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LOU5020 LUXPIA-LOU5020 Datasheet
142Kb / 7P
   Ultra Brightness LED Lamp
logo
AUK corp
SR5323-U AUK-SR5323-U Datasheet
277Kb / 3P
   Ultra Brightness LED Lamp
logo
LUXPIA
LGH5090 LUXPIA-LGH5090 Datasheet
134Kb / 6P
   Ultra Brightness LED Lamp
logo
Bright View Electronic ...
BVU-3P0QT4 BVLED-BVU-3P0QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-5M5WI4 BVLED-BVU-5M5WI4 Datasheet
193Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-3X16WI4 BVLED-BVU-3X16WI4 Datasheet
194Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5E1GN4 BVLED-BVU-5E1GN4 Datasheet
251Kb / 5P
   ULTRA BRIGHTNESS LED LAMP
BVU-5K5QT4 BVLED-BVU-5K5QT4 Datasheet
240Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3P0TT4 BVLED-BVU-3P0TT4 Datasheet
239Kb / 4P
   ULTRA BRIGHTNESS LED LAMP
BVU-3R2TT4 BVLED-BVU-3R2TT4 Datasheet
251Kb / 3P
   ULTRA BRIGHTNESS LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com