Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IL78L18 Datasheet(PDF) 7 Page - KODENSHI_AUK CORP.

Part # IL78L18
Description  FIXED VOLTAGE REGULATOR (POSITIVE)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

IL78L18 Datasheet(HTML) 7 Page - KODENSHI_AUK CORP.

Back Button IL78L18 Datasheet HTML 3Page - KODENSHI_AUK CORP. IL78L18 Datasheet HTML 4Page - KODENSHI_AUK CORP. IL78L18 Datasheet HTML 5Page - KODENSHI_AUK CORP. IL78L18 Datasheet HTML 6Page - KODENSHI_AUK CORP. IL78L18 Datasheet HTML 7Page - KODENSHI_AUK CORP. IL78L18 Datasheet HTML 8Page - KODENSHI_AUK CORP. IL78L18 Datasheet HTML 9Page - KODENSHI_AUK CORP. IL78L18 Datasheet HTML 10Page - KODENSHI_AUK CORP. IL78L18 Datasheet HTML 11Page - KODENSHI_AUK CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
IL78L10 ELECTRICAL CHARACTERISTICS
(At specified virtual junction temperature, Vl=16V, lo=40mA (unless otherwise noted)
Characteistic
Symbol
Min
Typ.
Max.
Unit
25℃
9.6
10
10.4
1㎃≤ Io≤ 40㎃
13V≤ VI≤ 25V
9.5
10
10.5
1㎃≤Io≤ 70㎃
9.5
10
10.5
13≤ VI≤ 25V
51
175
14≤ VI≤ 25V
42
125
1㎃≤ Io≤ 100㎃
20
90
1㎃≤ Io≤ 40㎃
11
40
25℃
4.2
6
125℃
5.5
14≤ VI≤ 25V
1.5
1㎃≤ Io≤ 40㎃
0.1
Output noise voltage
V
N
10㎐≤ f≤ 100㎑
25℃
62
Ripple rejection
RR
15≤ VI≤ 25V
f=120㎐
25℃
37
44
dB
Dropout voltage
V
D
25℃
1.7
V
Bias current change
V
-40 ~ 125℃
Output voltage **
Vout
Reg line
Line regulation
I
B
Bias current
Load regulation
Reg load
△I
B
Test condition *
-40 ~ 125℃
25℃
25℃
Notes
*.
Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as
possible.
Thermal effects must be taken into account separately.
All characteristics are measured with a 0.33㎌ capacitor across the input and a 0.1㎌ capacitor across the output.
**. This specification applies only for DC power dissipation permitted by absolute maximum ratings.
7
KK78LXX


Similar Part No. - IL78L18

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IL78L18 INTEGRAL-IL78L18 Datasheet
133Kb / 5P
   THREE-TERMINAL LOW CURRENT POSITIVE VOLTAGE REGULATORS
logo
IK Semicon Co., Ltd
IL78L18 IKSEMICON-IL78L18 Datasheet
292Kb / 14P
   POSITIVE VOLTAGE REGULATOR 3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS
More results

Similar Description - IL78L18

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG7800A MICROSEMI-SG7800A Datasheet
96Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
List of Unclassifed Man...
SG7800A ETC1-SG7800A Datasheet
110Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
SG7805K-883B MICROSEMI-SG7805K-883B Datasheet
409Kb / 8P
   Positive Fixed Voltage Regulator
logo
Seme LAB
IP140ME SEME-LAB-IP140ME Datasheet
336Kb / 8P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Micro Electronics
SG7815T MICRO-ELECTRONICS-SG7815T Datasheet
112Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
logo
Microsemi Corporation
M3851014103BEA MICROSEMI-M3851014103BEA Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG7800A MICROSEMI-SG7800A_1 Datasheet
312Kb / 7P
   POSITIVE FIXED VOLTAGE REGULATOR
SG78XXA MICROSEMI-SG78XXA_10 Datasheet
420Kb / 8P
   Positive Fixed Voltage Regulator
SG7824AT-883B MICROSEMI-SG7824AT-883B Datasheet
396Kb / 8P
   Positive Fixed Voltage Regulator
logo
List of Unclassifed Man...
TS7800 ETC-TS7800 Datasheet
258Kb / 9P
   3-Terminal Fixed Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com