Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L103-MC3WW1-C Datasheet(PDF) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L103-MC3WW1-C
Description  LED lamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L103-MC3WW1-C Datasheet(HTML) 8 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L103-MC3WW1-C Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-MC3WW1-C Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-MC3WW1-C Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-MC3WW1-C Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-MC3WW1-C Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-MC3WW1-C Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-MC3WW1-C Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-MC3WW1-C Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-MC3WW1-C Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8/9
Precautions
1. Avoid the application of any stress to the lens portion.
2. Avoid any contact by a sharp metal nail or other materials with the lens portion.
3. This product should be secured firmly by fastening an M3 screw on both sides of the product.
Please be careful not to apply any stress to the product during the clamping operation.
please check thoroughly.
can dissipate heat as a whole. However, the use of insulating paste is strongly recommended in
order to avoid short circuit. This product could be bent during the clamping operation if heat
grease in sheet form is used. For this reason, it is recommended that grease in paste form is used.
5. Handling of static electricity
- These products are sensitive to static electricity charge.
Please take measures to prevent any static electricity being produced such as the wearing of a
wristband or anti-static gloves when handling this product.
- All devices, equipment and machinery must be properly grounded. It is recommended that precautions
be taken against surge voltage to the equipment that mounts the LEDs.
- ESD sensitivity of this product is 1000V (HBM, based on JEITA ED-4701/304).
- When inspecting the final products in which LEDs were assembled, it is recommended to check
whether the assembled LEDs are damaged by static electricity or not.
- It is easy to find static-damaged LEDs by a light-on test.
<Light-on test criterion>
Approved
Checked Drawn
Symbol
CITILED
-
2010/3/1
Mark
Date
SPECIFICATIONS
Description Appro.
CITIZEN ELECTRONICS CO.,LTD.
CL-L103-MC3WW1-C
in Electrical Appliance and Material Safety Law.)
Condition
Judgmental criterion
IF=Max.1mA
No-lighting in entire block making
up parallel circuit is unacceptable
L103 consists of three blocks.
Drawing No
Name
Issue of first edition
As the connection status could vary depending on materials of outer heat sink,
4. Thermal conductive silicone grease should be applied to the whole rear surface so that this product
In addition, sufficient insulation should be established between heat sink area of LED package and
surface of fixture. (*surface of fixture: exterior of instrument used for dielectric strength test
Resin portion
Recommended installation screw pitch
Thermal conductive silicon grease
(Insulation paste)
Outer heat sink
Spring washer (≦φ6mm)
M3screw (Insulation)
Plane washer (≦φ6mm)
Recommended torque : 0.6~0.8N-m
Ref.CE-P566 03/10


Similar Part No. - CL-L103-MC3WW1-C

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L103-MC3WW1-C CITIZEN-CL-L103-MC3WW1-C Datasheet
285Kb / 10P
   LED lamp
CL-L103-MC3WW1-C CITIZEN-CL-L103-MC3WW1-C_11 Datasheet
285Kb / 10P
   LED lamp
More results

Similar Description - CL-L103-MC3WW1-C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com