Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-L103-C6N-C Datasheet(PDF) 9 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-L103-C6N-C
Description  LED lamp
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-L103-C6N-C Datasheet(HTML) 9 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-L103-C6N-C Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-C6N-C Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-C6N-C Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-C6N-C Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-C6N-C Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-C6N-C Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-C6N-C Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-C6N-C Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-L103-C6N-C Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
9/9
Precautions (continued)
in assembled status.
8. Heat generation
a heat release design is required to use this product efficiently.
Please ensure that heat generation is not in excess of the absolute maximum rating.
(Refer to 4-1 Performance)
9. Recommended soldering
of 40W or lower. The temperature of a soldering iron should be adjusted 350C or lower.
- No external force is applied to sealing resin during soldering operation.
- Please do not handle a product until it returns to a normal temperature.
Note: This product is not adaptable to reflow process.
10. Other
- This product complies with RoHS directives.
office automation equipment, communication devices, audio-video equipment,
home electrical appliances, measurement hardware and others).
In cases where this product is used for the applications that requires high reliability or
could directly affect human life or health due to failure or malfunction (aerospace hardware,
medical equipment, atomic control equipment and others), please consult with our sales
representatives beforehand.
- An agreement of formal product specifications is required prior to mass production.
- The specifications and appearance of this product are subject to change without advanced notice.
Approved
Checked Drawn
Symbol
CITILED
-
2010/3/1
Mark
Date
between each package is recommended.
ambient temperature conditions or power dissipation. Thus, drive conditions should be
- Please design a circuit that prevents any reverse voltage (excess current) from being
applied to this product instantaneously when the circuit is ON or OFF.
- Soldering operation should be performed within 3.5 seconds per land using a soldering iron
- This product is intended for the application in general electronic devices (such as
- As this product is designed with consideration of the heat release property of module,
- Factors responsible for an increase in temperature include heat generation attributed to
7.Drive circuit
And when two or more LED packages are connected, the series connection
- A constant current circuit is recommended as a drive circuit.
Description Appro.
CITIZEN ELECTRONICS CO.,LTD.
Name
CL-L103-C6N-C
Drawing No
Issue of first edition
SPECIFICATIONS
fabrication such as changes in shape.
- Our warranty does not cover situations where this product undergoes secondary
6. Please be aware that this product should not come into contact with any other parts
taken into consideration, depending on ambient temperature (Ta).
Ref.CE-P592 03/10


Similar Part No. - CL-L103-C6N-C

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-L103-C6N-C CITIZEN-CL-L103-C6N-C Datasheet
271Kb / 10P
   LED lamp
CL-L103-C6N-C CITIZEN-CL-L103-C6N-C_10 Datasheet
271Kb / 10P
   LED lamp
More results

Similar Description - CL-L103-C6N-C

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com