Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IAM48 Datasheet(PDF) 3 Page - Vicor Corporation

Part # IAM48
Description  Input Power Conditioning Module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

IAM48 Datasheet(HTML) 3 Page - Vicor Corporation

  IAM48 Datasheet HTML 1Page - Vicor Corporation IAM48 Datasheet HTML 2Page - Vicor Corporation IAM48 Datasheet HTML 3Page - Vicor Corporation IAM48 Datasheet HTML 4Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Set your site on VICOR at www.vicorpower.com
23
6
1
7
4
5
PLATED
THRU HOLE
DIA
±0,08
*DENOTES TOL =
±0.003
0.133
3,38
1.734**
44,04
.400*
10,16
1.140**
28,96
0.170*
4,32
0.800*
20,32
0.525*
13,34
0.275*
6,99
2.000*
50,80
0.06
1,5
R
(4X)
INBOARD
SOLDER
MOUNT
PIN STYLE 1
0.094
±0.003
2,39
±0,08
0.43
10,9
(7X)
**PCB WINDOW
PCB THICKNESS
0.062
±0.010
1,57
±0,25
0.53
13,5
ONBOARD
SOLDER
MOUNT
PIN STYLE 2
0.094
±0.003
2,39
±0,08
Unless otherwise specified,
dimensions are in inches
mm
Decimals
Tol.
Angles
0.XX
±0.01
±0.25
±1°
0.XXX
±0.005
±0.127
PCB Mounting Specifications
PINS: TIN/LEAD
HOT SOLDER DIPPED
ALUMINUM
BASEPLATE
ALL MARKINGS
THIS SURFACE
Mechanical Drawings (IAM48)
5
6
7
4
3
2
1
(REF)
0.080
2,03
DIA. (7X)
0.21
5,2
0.27
6,9
(2X)
2.000
50,80
1.04
26,4
1.45
36,8
.275
6,99
0.800
20,32
0.525
13,34
0.400
10,16
0.350
±0.015
8,89
±0,38
0.235
±0.015
5,97
±0,38
FULL R (6X)
0.10
2,5
CHAMFER
(REF.)
(6X)
0.65
16,5
0.49
12,4
0.09
2,3
1.27
32,3
1.30
33,0
2.28
57,9
1.45
36,8
0.13
3,3
0.06
1,5
R
(3X)
0.01
X 45˚
Use a
4-40 Screw (6x)
Torque to:
5 in-lbs
0.57 N-m
0.54
13,7
0.43
10,9
0.62
15,7
7X)
(7X)
12,7
±0,5
0.50
±0.02
Slotted (Style 1)
or
Threaded (Style 2)
4-40 UNC-2B (6X)
or
Thru Hole (Style 3)
#30 Drill Thru (6X)
(0.1285)
* Style 1 baseplate only
** Style 2 & 3 baseplates
*** Reserved for Vicor accessories
style 2 & 3
baseplates only
(4X)***
0.12*
3,1
0.20**
5,08
ALUMINUM
BASEPLATE
Pin Style 2
(Long)
Pin Style 1
(Short )
Module Outline
PIN OUTS
No.
Function
Label
1
–Vout
–V
2N/C
3
Off/On
Off/On
4
+Vout
+V
5
+Vin
+V
6N/C
7
–Vin
–V


Similar Part No. - IAM48

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
IAM-01-200 MERRIMAC-IAM-01-200 Datasheet
100Kb / 1P
   BROADBAND ACTIVE ISOLATORS
IAM-01-250 MERRIMAC-IAM-01-250 Datasheet
100Kb / 1P
   BROADBAND ACTIVE ISOLATORS
IAM-01-75 MERRIMAC-IAM-01-75 Datasheet
100Kb / 1P
   BROADBAND ACTIVE ISOLATORS
logo
TDK Electronics
IAM-20680 TDK-IAM-20680 Datasheet
795Kb / 52P
   High Performance Automotive 6-Axis MotionTracking Device
logo
Agilent(Hewlett-Packard...
IAM-81008 HP-IAM-81008 Datasheet
58Kb / 4P
   Silicon Bipolar MMIC 5 GHz Active Double Balanced Mixer/IF Amp
More results

Similar Description - IAM48

ManufacturerPart #DatasheetDescription
logo
Crane Aerospace & Elect...
LCM-120 CRANE-LCM-120 Datasheet
86Kb / 7P
   LINE CONDITIONING MODULE 28 VOLT INPUT
logo
MORNSUN Science& Techno...
T797HL MORNSUN-T797HL_15 Datasheet
1Mb / 6P
   Signal conditioning module
logo
Interpoint Corporation ...
LCM-120 INTERPOINT-LCM-120 Datasheet
85Kb / 7P
   LINE CONDITIONING MODULE
logo
MORNSUN Science& Techno...
TS107HL-F-2.5 MORNSUN-TS107HL-F-2.5 Datasheet
902Kb / 5P
   Signal conditioning module
logo
Interpoint Corporation ...
LCM-120 INTERPOINT-LCM-120_13 Datasheet
266Kb / 7P
   LCM-120 Line Conditioning Module 28 Volt input ??120 watt
logo
TE Connectivity Ltd
LDM-1000 TEC-LDM-1000 Datasheet
140Kb / 3P
   LVDT/RVDT Signal Conditioning Module
logo
Analog Devices
5B32 AD-5B32 Datasheet
674Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
logo
List of Unclassifed Man...
SA40011 ETC1-SA40011 Datasheet
394Kb / 2P
   Dual Axis Signal Conditioning Module
logo
Analog Devices
5B32 AD-5B32_15 Datasheet
675Kb / 8P
   Single-Channel Signal Conditioning Module
REV. 0
logo
Exar Corporation
TAN-017 EXAR-TAN-017 Datasheet
105Kb / 9P
   Power Conditioning Requirements
May 23, 2001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com