Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CL-824-MU1W1 Datasheet(PDF) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-824-MU1W1
Description  LED lamp
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-824-MU1W1 Datasheet(HTML) 8 Page - CITIZEN ELECTRONICS CO., LTD.

Back Button CL-824-MU1W1 Datasheet HTML 3Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1W1 Datasheet HTML 4Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1W1 Datasheet HTML 5Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1W1 Datasheet HTML 6Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1W1 Datasheet HTML 7Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1W1 Datasheet HTML 8Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1W1 Datasheet HTML 9Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1W1 Datasheet HTML 10Page - CITIZEN ELECTRONICS CO., LTD. CL-824-MU1W1 Datasheet HTML 11Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8/11
7. Taping Specifications (in accordance with JIS standard)
(1) Shape and Dimensions of Reel
(Unit: mm)
(2) Dimensions of Tape
(Unit: mm)
(3) Configuration of Tape
(4) Quantity: 2500pcs/reel
Approved Checked
Drawn
Symbol
CITILED
2009/7/29
2009/6/5
Mark
Date
SPECIFICATIONS
CITIZEN ELECTRONICS CO.,LTD.
Drawing No
Issue of first edition.
Descripton Appro.
Name
CL-824-MU1W1
Issue of second edition.
9±0.3
11.4±1.0
21±0.8
Name.
Qty
Lot No.
13±0.5
2±0.5
(1.0)
4
±0.1
4
±0.1
1.5
±
0.3
±0.05
(1.2)
0.5
±
2
±0.05
0.1
0
Polarity
Progressivedirection
0.1
0
(END)
(START)
Unloaded tape
Mounted with CITILED
more than 40mm
Leading part more than 400mm
Ref.CE-P484 08/09


Similar Part No. - CL-824-MU1W1

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-824-MU1W1 CITIZEN-CL-824-MU1W1 Datasheet
342Kb / 12P
   LED lamp
CL-824-MU1W1-T CITIZEN-CL-824-MU1W1-T Datasheet
323Kb / 11P
   LED lamp
CL-824-MU1W1-T CITIZEN-CL-824-MU1W1-T Datasheet
342Kb / 12P
   LED lamp
CL-824-MU1W1-T CITIZEN-CL-824-MU1W1-T_11 Datasheet
342Kb / 12P
   LED lamp
CL-824-MU1W1 CITIZEN-CL-824-MU1W1_1 Datasheet
323Kb / 11P
   LED lamp
More results

Similar Description - CL-824-MU1W1

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com