Electronic Components Datasheet Search |
|
40-6553-11 Datasheet(PDF) 1 Page - Aries Electronics, Inc. |
|
40-6553-11 Datasheet(HTML) 1 Page - Aries Electronics, Inc. |
|
1 / 1 page Bristol, PA 19007-6810 USA TEL (215) 781-9956 • FAX (215) 781-9845 PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED • INFO@ARIESELEC.COM WWW.ARIESELEC.COM FEATURES • Aries Universal Test Socket accepts devices on 0.300 to 0.600 [7.62 to 15.24] cen- ters. • All pin count sockets go into PCB with either 0.300 or 0.600 [7.62 to 15.24] centers. • Contacts are normally closed to eliminate dependence on plastic to sustain contact. • Socket handle can be configured with closed contacts (on) when in the UP or DOWN position, and can be mounted on either the right or left side. • Sockets can be soldered into PCBs or plugged into any socket. Socket fits into Aries’ or any competitive test socket receptacle. GENERAL SPECIFICATIONS • SOCKET BODY: black UL 94V-0 glass-filled Polyphenylene Sulfide (PPS) • HANDLE: Stainless Steel • HANDLE KNOB: Brass 360, 1/2-hard • CONTACTS: BeCu 172 per QQ-C-533 or NiB (Spinodal) • CONTACT PLATING: 50μ [1.27μ] min. Ni under-plate per QQ-N-290, over-plated with either 200μ [5.08μ] min. matte Sn per ASTM B545-97 or 200μ [5.08μ] 90/10 Sn/Pb per MIL- T-10727 or 10μ [0.254μ] min. Au per MIL-G-45204 • SPINODAL CONTACT PLATING: 50μ [1.27μ] min. NiB • CONTACT CURRENT RATING: 1 amp • INSULATION RESISTANCE: 1000 mΩ min. • DIELECTRIC WITHSTANDING VOLTAGE: 1000 VAC • LIFE CYCLE: 25,000 to 50,000 cycles • OPERATING TEMPERATURE: -67°F [-55°C] min.; 221°F [105°C] max. for Sn plating; 302°F [150°C] for Au plating; 392°F [200°C] for NiB plating • RETENTION FORCE (closed): 55g/pin based on a 0.020 [0.51] dia. test lead • ACCEPTS LEADS: 0.015-0.045 [0.38-1.14] wide, 0.110-0.280 [2.79-7.11] long MOUNTING CONSIDERATIONS • See Socket Footprint below 10001 Rev. AA Series X55X Universal Zero-Insertion-Force DIP Test Socket CUSTOMIZATION: In addition to the standard products shown on this page, Aries specializes in custom design and production. Special materials, platings, sizes, and configurations can be furnished, depending on the quantity. NOTE: Aries reserves the right to change product general specifications without notice. ALL DIMENSIONS: INCHES [MILLIMETERS] ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED “A” = (NO. OF PINS PER ROW x 0.100 [2.54]) + 0.590 [14.99] “B” = (NO. OF PINS PER ROW -1) x 0.100 [2.54] “C” = (NO. OF PINS PER ROW x 0.100 [2.54] + 0.415 [10.54] CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS Pins 24, 28, 32, 36, 40, 42, 44, 48 Row-to-Row Spacing (btm) 3 = 0.300 [7.62] 6 = 0.600 [15.24] ORDERING INFORMATION XX-X55X-1 X Plating 0 = Sn over Ni 0TL = Sn/Pb over Ni 1 = Au over Ni 6 = NiB (Spinodal) Solder Pin Tail Handle Options 1 = Left, up is on 2 = Right, up is on 3 = Left, down is on 4 = Right, down is on (std) NOTE: “on” = closed contacts |
Similar Part No. - 40-6553-11 |
|
Similar Description - 40-6553-11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |