Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CI3030A150M Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CI3030A150M
Description  Thin SMD Inductor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CI3030A150M Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CI3030A150M Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
150
● ● ● ● ● ● ● ● ● ●
薄型 SMD インダクタ
CI3030A Series
Thin SMD Inductor
CI3030A Series
単位 Unit : mm
■ 特徴 Features
●外形寸法図 Outline drawing
推奨はんだ付けパターン
The following soldering patterns are
recommended for reflow-soldering:
単位 Unit : mm
3.0(L)×3.0(W)×0.8(T)mm
1. 3.0×3.0×0.8mmの小型・薄型の巻
線タイプです。
2. 鉛フリー対応。
3. RoHS対応。
4. 耐衝撃構造。
1. Winding type, compact and slim model
of 3.0 x 3.0 x 0.8 mm (L x W x T).
2. Lead-free type.
3. Complying with the RoHS Directive.
4. Shock resistance structure.
※1 測定条件 Measuring conditions : 100kHz, 25℃
※2 許容電流は、インダクタンスが初期値より30%低下する直流重畳電流値(at 25℃)Allowable current
respectively is set to a value which is decreased to 30% below each initial value of inductance
(at 25℃)
●特性 Characteristics
公称インダクタンス※1 インダクタンス許容差
直流抵抗
許容電流※2 自己共振周波数
Nominal
Inductance
DC Resistance
Allowable
Self-resonant
Inductance
Tolerance
Current
frequency[Typ]
(H)
(mΩ)
Idc
(mA)
(MHz)
CI3030A1R0M
1.0μ
±20%
50±20%
1550
250
CI3030A1R5M
1.5μ
±20%
70±20%
1250
170
CI3030A2R2M
2.2μ
±20%
90±20%
1020
150
CI3030A3R3M
3.3μ
±20%
125±20%
830
120
CI3030A4R7M
4.7μ
±20%
165±20%
720
95
CI3030A6R8M
6.8μ
±20%
240±20%
580
80
CI3030A100M
10μ
±20%
340±20%
510
65
CI3030A150M
15μ
±20%
500±20%
400
50
CI3030A200M
22μ
±20%
760±20%
330
45
Types
ダミー端子
Dummy terminal
接続端子
Connection
terminal
3
0.8
3
1.1 0.8 1.1
1.35
0.7
1.35
2.746
0.327
0.327
100
10
1
0.1
10
1
100
1000
10000
Current
[mA]
2.2
μH
3.3
μH
1.5
μH
1.0
μH
10
μH
15
μH
22
μH
4.7
μH
6.8
μH
22
μH
15
μH
10
μH
6.8
μH
4.7
μH
100000
10000
1000
100
10
1
0.1
1
0.1
10
1000
100
Frequency
[MHz]
3.3
μH
2.2
μH
1.5
μH
1.0
μH
●インダクタンス直流電流重畳特性
Inductance DC bias characteristics
●インピーダンス周波数特性
Impedance-frequency characteristics


Similar Part No. - CI3030A150M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CI35P-30E240-C-10X ETC-CI35P-30E240-C-10X Datasheet
290Kb / 1P
   Updated IP rating to IP68 from IP67.
5-2021
logo
Banner Engineering Corp...
CI3RC2 BANNER-CI3RC2 Datasheet
501Kb / 8P
   SMI30 Series Sensor
More results

Similar Description - CI3030A150M

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CI2222A CITIZEN-CI2222A Datasheet
204Kb / 1P
   Thin SMD Inductor
CI2222A CITIZEN-CI2222A_1 Datasheet
393Kb / 1P
   Thin SMD Inductor
CI2020A CITIZEN-CI2020A Datasheet
204Kb / 1P
   Thin SMD Inductor
CIH3030A CITIZEN-CIH3030A Datasheet
205Kb / 1P
   Thin SMD Inductor
CI2020C CITIZEN-CI2020C Datasheet
204Kb / 1P
   Super Thin SMD Inductor
logo
AVX Corporation
ACCU-L0201 AVX-ACCU-L0201 Datasheet
90Kb / 2P
   SMD RF Thin Film Tuning Inductor
logo
KOA Speer Electronics, ...
KL732ATTE4N7G KOA-KL732ATTE4N7G Datasheet
243Kb / 4P
   thin film inductor
KL731ET KOA-KL731ET Datasheet
133Kb / 4P
   thin film inductor
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com