Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

44-6553-18 Datasheet(PDF) 1 Page - Aries Electronics, Inc.

Part # 44-6553-18
Description  High-Temperature Universal Zero-Insertion-Force DIP Test Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARIES [Aries Electronics, Inc.]
Direct Link  http://www.arieselec.com
Logo ARIES - Aries Electronics, Inc.

44-6553-18 Datasheet(HTML) 1 Page - Aries Electronics, Inc.

  44-6553-18 Datasheet HTML 1Page - Aries Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bristol, PA 19007-6810 USA
TEL (215) 781-9956 • FAX (215) 781-9845
PRINTOUTS OF THIS DOCUMENT MAY BE OUT OF DATE AND SHOULD BE CONSIDERED UNCONTROLLED
• INFO@ARIESELEC.COM
WWW.ARIESELEC.COM
FEATURES
• Universal Test Socket accepts devices on 0.300 to 0.600 [7.62 to 15.24] centers
• All pin count sockets go into PCB with either 0.300 or 0.600 [7.62 or 15.24] centers
• Contacts are normally closed to eliminate dependence on plastic to sustain contact
• Socket handle can be configured with closed contacts (on) when in the UP or DOWN
position, and can be mounted on either the right or left side
• Sockets can be soldered into PCBs. Socket fits into Aries Test Socket Receptacle on
Data Sheet 10003
GENERAL SPECIFICATIONS
• SOCKET BODY: natural UL 94V-0 glass-filled Polyetheretherketone (PEEK)
• HANDLE: Stainless Steel
• CONTACTS: BeNi 360, 1/2-hard
• CONTACT PLATING: 50μ [1.27μ] NiB
• CONTACT CURRENT RATING: 1 amp
• OPERATING TEMPERATURE: -67°F [-55°C] min.; 482°F [250°C] max.
• RETENTION FORCE (closed): 55g/pin based on a 0.020 [0.51] dia. test lead
• INSULATION RESISTANCE: 1000 mΩ min.
• DIELECTRIC WITHSTANDING VOLTAGE: 1000 VAC
• LIFE CYCLE: 25,000 to 50,000 cycles
• ACCEPTS LEADS: 0.015-0.045 [0.38-1.14] wide,
0.110-0.280 [2.79-7.11] long
MOUNTING CONSIDERATIONS
• See Socket Footprint below
10002
Rev. AA
Series X55X High-Temperature Universal
Zero-Insertion-Force DIP Test Socket
CUSTOMIZATION: In addition to the standard products shown
on this page, Aries specializes in custom design and production.
Special materials, platings, sizes, and configurations can be
furnished, depending on the quantity.
NOTE: Aries reserves the
right to change product general specifications without notice.
ALL DIMENSIONS: INCHES [MILLIMETERS]
ALL TOLERANCES: ±0.005 [0.13] UNLESS OTHERWISE SPECIFIED
“A” = (NO. OF PINS PER ROW x 0.100 [2.54]) + 0.590 [14.99]
“B” = (NO. OF PINS PER ROW -1) x 0.100 [2.54]
“C” = (NO. OF PINS PER ROW x 0.100 [2.54] + 0.415 [10.54]
DO NOT USE THESE SOCKETS IN A BURN-IN OVEN WITH THE
SOCKET CONTACTS IN THE OPEN POSITION, AS IT WILL DAMAGE
THE SOCKET.
CONSULT FACTORY FOR OTHER SIZES AND CONFIGURATIONS
Pins
24, 28, 32, 36,
40, 42, 44, 48
Row-to-Row Spacing (btm)
3 = 0.300 [7.62]
6 = 0.600 [15.24] (std)
ORDERING INFORMATION
XX-X55X-1 8
NiB (Spinodal) Plating
Solder Pin Tail
Handle Options
1 = Left, up is on
2 = Right, up is on
3 = Left, down is on
4 = Right, down is on (std)
NOTE: ‘on’ = closed contacts


Similar Part No. - 44-6553-18

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
44-6553-18 ARIES-44-6553-18 Datasheet
716Kb / 1P
   High-Temp Universal ZIF DIP Burn-in & Test Socket
More results

Similar Description - 44-6553-18

ManufacturerPart #DatasheetDescription
logo
Aries Electronics, Inc.
24-3551-10 ARIES-24-3551-10 Datasheet
535Kb / 1P
   Universal Zero-Insertion-Force DIP Test Socket
10019 ARIES-10019 Datasheet
630Kb / 1P
   Zero-Insertion-Force DIP Test Socket
10001 ARIES-10001 Datasheet
722Kb / 1P
   Series 55 Universal Zero-Insertion-Force DIP Test Socket
24-3570-10 ARIES-24-3570-10 Datasheet
551Kb / 2P
   Quick-Release Universal Zero-Insertion-Force DIP Test Socket
44-547-11 ARIES-44-547-11 Datasheet
733Kb / 1P
   Universal SOIC ZIF (Zero-Insertion-Force) Test Socket
10015 ARIES-10015 Datasheet
766Kb / 1P
   Zero-Insertion-Force Test Socket
24-516-11S ARIES-24-516-11S Datasheet
528Kb / 1P
   Zero-Insertion-Force Socket
10018 ARIES-10018 Datasheet
647Kb / 1P
   Zero-Insertion-Force Socket
10017 ARIES-10017 Datasheet
595Kb / 1P
   Zero-Insertion-Force Socket
logo
ITT Industries
DL4 ITT-DL4 Datasheet
99Kb / 1P
   Zero Insertion Force
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com