Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS3345 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part No. VS3345
Description  High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo 

VS3345 Datasheet(HTML) 2 Page - Vaishali Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VS3345/VS32345
2001-04-12
Page 2
MDSS-0010-01
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 1. Pin Description
Name
I/O
Description
A0 - A7
I/O
Data Input or Output
/OE
I
Active Low Enable Input
OE
I
Active High Enable Input
B0 – B7
I/O
Data Output or Input
Table 2. Function Table
Input
Path
Function
/OE
OE
H
X
Hi Impedance
Disable all switches
X
L
Hi Impedance
Disable all switches
L
H
An <-> Bn
An = Bn
Note: X = Don’t care
Table 3. Absolute Maximum Ratings
Supply Voltage to Ground………………………….…..-0.5V to +7.0V
DC Switch Voltage VS……………………….………….-0.5V to +7.0V
DC Input Voltage VIN………………………………… ...-0.5V to +7.0V
AC Input Voltage (Pulse Width < 20ns)……………….…………-3.0V
DC Output Sink Current per Switch Pin…………………...…..120 mA
Maximum Power Dissipation…………………………….…..0.5 Watts
Storage Temperature………………………………...-65
oC to +150oC
Note: ABSOLUTE MAXIMUM CONTINUOUS RATINGS are those values beyond which damage to the device
may occur. Exposure to these conditions or conditions beyond those indicated may adversely affect
device reliability. Correct functional operation whiled operating in the absolute maximum rated conditions
is not implied.
Table 4. Capacitance
TA = 25
oC, f = 1 MHz, V
IN = 0V, VOUT = 0V
QSOP
Pins
Typ
Max
Unit
Control Inputs
4
5
pF
VSwitch Channels
(Switch OFF)
5
7
pF
Note: Capacitance is guaranteed, but not production tested. Total capacitance of a path, when the switch is
closed, is the sum of the switch terminal capacitances.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn