Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS32X245 Datasheet(PDF) 4 Page - Vaishali Semiconductor

Part No. VS32X245
Description  High Speed CMOS VSwitch 16-Bit Bus Switches
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo 

VS32X245 Datasheet(HTML) 4 Page - Vaishali Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VS32X245/VS32X2245
2001-04-12
Page 4
MDSS-0013-01
www. vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
1N4148
or equivalent
VOH
Output Voltage
(V)
3
4
5
Vout
(V)
0
1
2
Vin (V)
4
5
3
2
1
0
VCC = 4.3V
Figure 3. VOLTAGE TRANSLATION
Figure 5. Voltage Translation Application
VCC
10K
VCC = 5V
/OEX
I/O
VS32X245
VS32X2245
3.3V
DEVICE
5V
DEVICE
I/O
Figure 4. VOH CHARACTERISTICS
VCC – Supply Voltage (V)
2.0
2.5
5.5
5.0
4.5
3.5
3.0
4.0
4.5
4.75
5.2
TA = 85
°C
TA = 25
°C
TA = - 40
°C


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn