Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSB20A1212528 Datasheet(PDF) 1 Page - Powersem GmbH

Part # PSB20A1212528
Description  Single Phase Solid State Relays
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERSEM [Powersem GmbH]
Direct Link  http://www.powersem.com
Logo POWERSEM - Powersem GmbH

PSB20A1212528 Datasheet(HTML) 1 Page - Powersem GmbH

  PSB20A1212528 Datasheet HTML 1Page - Powersem GmbH PSB20A1212528 Datasheet HTML 2Page - Powersem GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Single Phase Solid State Relays
POWERSEM reserves the right to change limits, test conditions and dimensions -
info@POWERSEM.net - www.POWERSEM.net
 POWERSEM 2005 All rights reserved
HIGHLIGHTS
Series: 20 SJ/K
INPUT: AC CONTROL
OUTPUT: DIRECT COPPER BONDED BACK-TO-
BACK SCR
OPTO ISOLATION 2500 VAC (4000 V optional)
ZERO VOLTAGE TURN-ON or RANDOM TURN-ON
HIGH DV/DT
SAFETY COVER (optional)
REVERSE VOLTAGE PROTECTION FOR DC/AC
RELAYS
CHASSIS MOUNTABLE
LED INDICATOR SHOWING RELAY ‘ON’ STATUS
Weight = 106 g
(J: Zero voltage turn-on; K: Random turn-on)
125 – 205 A
ELECTRICAL SPECIFICATIONS
Parameter
Symbol
Type
Unit
PSB 20 A
1212528
PSB 20 A
1215028
PSB 20 A
1217528
PSB 20 A
1220528
AC CONTROL
Control voltage range
90-280
90-280
90-280
90-280
Vac
Control current range
4-10
4-10
4-10
4-10
mA
Pick-up voltage
90
90
90
90
Vac
Drop out voltage
10
10
10
10
Vac
Input impedance
25
25
20-26
20-26
20-26
K Ohms
OUTPUT
Main voltage range
VRMS
48-660
48-660
48-660
48-660
Vac
Repetitive peak off state voltage
VDRM
1200/1600
1200/1600
1200/1600
1200/1600
Vpk
RMS on-state current
IT
125
150
175
205
A
Zero turn-on voltage
35
35
35
35
Vac
Off-state leakage current @ rated voltage
IDRM
1
1
1
1
mA
Peak one cycle surge current (non-rep)
ITSM
1250
1350
1500
2250
A
Holding current
IH
250
250
250
250
mA
Critical rate of rise of off-state voltage
dv/dt
1000
1000
1000
1000
V/µs
Thermal resistance (junction to case)
Rthjc
0.35
0.35
0.25
0.1
K/W
Frequency range
f
47-63
47-63
47-63
47-63
Hz
Operating temperature
-25 to +80
-25 to +80
-25 to +80
-25 to +80
°C
Turn-on time
T-on
40
40
40
40
ms
Turn-off time
T-off
80
80
80
80
ms
Fusing current @ 25°C (8.3ms)
I
2t
5000
8000
15000
25000
A
2s
released, E 197669


Similar Part No. - PSB20A1212528

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB20A122528 POWERSEM-PSB20A122528 Datasheet
101Kb / 2P
   Single Phase Solid State Relays
PSB20A125028 POWERSEM-PSB20A125028 Datasheet
101Kb / 2P
   Single Phase Solid State Relays
PSB20A127528 POWERSEM-PSB20A127528 Datasheet
101Kb / 2P
   Single Phase Solid State Relays
PSB20A129028 POWERSEM-PSB20A129028 Datasheet
101Kb / 2P
   Single Phase Solid State Relays
More results

Similar Description - PSB20A1212528

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSB1SJDA481000 POWERSEM-PSB1SJDA481000 Datasheet
125Kb / 2P
   Single Phase Solid State Relays
PSB20D122500 POWERSEM-PSB20D122500 Datasheet
101Kb / 2P
   Single Phase Solid State Relays
PSB1SJDA241000 POWERSEM-PSB1SJDA241000 Datasheet
125Kb / 2P
   Single Phase Solid State Relays
PSB1SJAA241028 POWERSEM-PSB1SJAA241028 Datasheet
125Kb / 2P
   Single Phase Solid State Relays
PSB1SJAA481028 POWERSEM-PSB1SJAA481028 Datasheet
125Kb / 2P
   Single Phase Solid State Relays
PSB20A122528 POWERSEM-PSB20A122528 Datasheet
101Kb / 2P
   Single Phase Solid State Relays
PSB20D1212500 POWERSEM-PSB20D1212500 Datasheet
103Kb / 2P
   Single Phase Solid State Relays
logo
Omron Electronics LLC
G3PE OMRON-G3PE Datasheet
1Mb / 12P
   Single-phase Solid State Relays for Heaters
logo
celduc-relais
SGT965960 CELDUC-SGT965960 Datasheet
91Kb / 2P
   Three Phase Solid State Relays
SVT869994 CELDUC-SVT869994 Datasheet
134Kb / 3P
   Three Phase Solid State Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com