Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS3245 Datasheet(PDF) 5 Page - Vaishali Semiconductor

Part No. VS3245
Description  High Speed CMOS VSwitch 8-Bit Bus Switches
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo 

VS3245 Datasheet(HTML) 5 Page - Vaishali Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
VS3245/VS32245
2001-04-12
Page 5
MDSS-0007-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 8. Switching Characteristics Over Operating Range
TA = -40
oC to +85oC, V
CC = 5.0V + 10
%
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise stated.
Symbol
Description
(1)
VS3245
Min
(3)
Max
VS32245
Min
(3)
Max
Units
tPLH, tPHL
Data Propagation Delay
(2,3) through the switch
0.25
1.25
ns
tPZH, tPZL
Switch Turn-on Delay, /OE to An, Bn
0.5
5.6
0.5
6.6
ns
tPLZ, tPHZ
Switch Turn-off Delay /OE to An, Bn
0.5
4.5
0.5
4.5
ns
Notes:
1.
See test circuits and waveforms.
2.
This parameter is the calculated theoretical RC time constant of ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero source impedance). This time-constant is on the order of 0.25 ns for
VS3245 and 1.25 ns for VS32245. Since this time-constant is much smaller than rise/fall times of typical driving signals, it adds
very little propagation delay to the system.
3.
This parameter is guaranteed, but not production tested.
Figure 6. AC Test Circuit and Switching Waveforms
AC Test Circuit
Load Switch Position
TEST
S1
tPLH, tPHL
Open
tPLZ, tPZL
Closed
tPHZ, tPZH
Open
Input Conditions
Input voltage = 0 V to 3.0 V
tr = tf = 2.5ns (10% to 90%)
Pulse
Generator
DUT
V
IN
V
OUT
C
L
500
RL
S1
7 V
50
Ω=Coax to
Oscilloscope
50
450


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn