Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS3244 Datasheet(PDF) 6 Page - Vaishali Semiconductor

Part # VS3244
Description  High Speed CMOS VSwitch Dual 4-Bit Bus Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISH [Vaishali Semiconductor]
Direct Link  
Logo VAISH - Vaishali Semiconductor

VS3244 Datasheet(HTML) 6 Page - Vaishali Semiconductor

  VS3244 Datasheet HTML 1Page - Vaishali Semiconductor VS3244 Datasheet HTML 2Page - Vaishali Semiconductor VS3244 Datasheet HTML 3Page - Vaishali Semiconductor VS3244 Datasheet HTML 4Page - Vaishali Semiconductor VS3244 Datasheet HTML 5Page - Vaishali Semiconductor VS3244 Datasheet HTML 6Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
VS3244/VS32244
2001-04-12
Page 6
MDSS-0008-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Switching Waveforms
Ordering Information
Part Number
Marking
Shipping/Packaging
No. of Pins
Package
Temperature
VS3244Q
VS3244Q
Tubes
20
QSOP
-40
°C to +85°C
VS3244QX
VS3244Q
Tape & Reel
20
QSOP
-40
°C to +85°C
VS32244Q
VS32244Q
Tubes
20
QSOP
-40
°C to +85°C
VS32244QX
VS32244Q
Tape & Reel
20
QSOP
-40
°C to +85°C
tPLH
tPHL
Input
Switch Output
1.5 V
3.0 V
1.5 V
0 V
VOL
VOH
Propagation Delay
tPHZ
tPZH
Control Input
Switch Output
(Switch Input = 3.0 V)
3.0 V
1.5 V
1.5 V
0.3 V
0 V
VOH
VOL
0 V
3.5 V
0.3 V
Switch Output
(Switch Input = 0 V)
Switch ON
Switch OFF
Switch ON
1.5 V
tPLZ
tPZL
Enable and Disable Times


Similar Part No. - VS3244

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3245 VAISH-VS3245 Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS3245Q VAISH-VS3245Q Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS3245QX VAISH-VS3245QX Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
More results

Similar Description - VS3244

ManufacturerPart #DatasheetDescription
logo
Vaishali Semiconductor
VS3245 VAISH-VS3245 Datasheet
55Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches
VS32X245 VAISH-VS32X245 Datasheet
57Kb / 6P
   High Speed CMOS VSwitch 16-Bit Bus Switches
VS3345 VAISH-VS3345 Datasheet
53Kb / 6P
   High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables
VS3V253 VAISH-VS3V253 Datasheet
63Kb / 6P
   High-speed 3.3V CMOS VSwitch Dual 4:1 Mux/Demux
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245 Datasheet
49Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245_12 Datasheet
227Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
IDTQS34X2245 IDT-IDTQS34X2245 Datasheet
50Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES
logo
Maxim Integrated Produc...
MAX4641 MAXIM-MAX4641 Datasheet
198Kb / 10P
   High-Speed, Low-Voltage, 4?? Dual SPST CMOS Analog Switches
Rev 1; 2/02
logo
Integrated Device Techn...
IDTQS32X384 IDT-IDTQS32X384_11 Datasheet
220Kb / 5P
   HIGH-SPEED CMOS 20-BIT BUS SWITCH
IDQS34X245 IDT-IDQS34X245 Datasheet
53Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com