Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS3244 Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part No. VS3244
Description  High Speed CMOS VSwitch Dual 4-Bit Bus Switches
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo 

VS3244 Datasheet(HTML) 2 Page - Vaishali Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
VS3244/VS32244
2001-04-12
Page 2
MDSS-0008-02
www.vaishali.com
Vaishali Semiconductor
747 Camden Avenue, Suite C
Campbell
CA 95008
Ph. 408.377.6060
Fax 408.377.6063
Table 1. Pin Description
Name
I/O
Description
1A1 – 1A4
2A1 – 2A4
I/O
Data Input or Output
/1G, /2G
I
Enable Input
1B1 – 1B4
2B1 – 2B4
I/O
Data Output or Input
Table 2. Function Table ( Each 4-bit bus switch)
Input
Path
Function
/nG
H
Hi Impedance
Disable all switches
L
Switch Closed
A port = B port
Table 3. Absolute Maximum Ratings
Supply Voltage to Ground………………………….…..-0.5V to +7.0V
DC Switch Voltage VS……………………….………….-0.5V to +7.0V
DC Input Voltage VIN………………………………… ...-0.5V to +7.0V
AC Input Voltage (Pulse Width < 20ns)……………….…………-3.0V
DC Output Sink Current per Switch Pin…………………...…..120 mA
Maximum Power Dissipation…………………………….…..0.5 Watts
Storage Temperature………………………………...-65
oC to +150oC
ABSOLUTE MAXIMUM CONTINUOUS RATINGS are those values beyond which damage to the device may occur.
Exposure to these conditions or conditions beyond those indicated may adversely affect device reliability.
Correct functional operation while operating in the absolute maximum rated conditions is not implied.
Table 4. Capacitance
TA = 25
oC, f = 1 MHz, V
IN = 0V, VOUT = 0V
QSOP
Pins
Typ
Max
Unit
Control Inputs
4
5
pF
VSwitch Channels
(Switch OFF)
5
7
pF
Note Capacitance is guaranteed, but not production tested. Total capacitance of a path, when the switch is closed, is
the sum of the switch terminal capacitances.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn