Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJ221M1HBK100200 Datasheet(PDF) 2 Page - RFE international

Part # RJ221M1HBK100200
Description  ALUMINUM ELECTROLYTIC CAPACITORS RJ/RJA Series: Wide Temp. Anti-Solvent, 105C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

RJ221M1HBK100200 Datasheet(HTML) 2 Page - RFE international

  RJ221M1HBK100200 Datasheet HTML 1Page - RFE international RJ221M1HBK100200 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RFE International • Tel:(949)583-0808 • Fax:(949)583-9898 • E-Mail Sales@rfeinc.com
ALUMINUM ELECTROLYTIC CAPACITORS
RJ/RJA Series: Wide Temp. Anti-Solvent
PART NUMBER EXAMPLE RJ 221 M 1H BK 100 200
VDC
Code
mA
mA
mA
mA
mA
mA
mA
0.1
0R1
5 x 11
1.3
5 x 11
2.1
0.22
R22
5 x 11
2.9
5 x 11
3.2
0.33
R33
5 x 11
4.3
5 x 11
5.4
0.47
R47
5 x 11
7.1
5 x 11
7.1
1
010
5 x 11
13
5 x 11
15
2.2
2R2
5 x 11
20
5 x 11
26
3.3
3R3
5 x 11
30
5 x 11
31
4.7
4R7
5 x 11
33
5 x 11
36
10
100
5 x 11
36
5 x 11
40
5 x 11
45
5 x 11
50
5 x 11
54
22
220
5 x 11
58
5 x 11
68
5 x 11
71
5 x 11
78
6.3 x 11
96
5 x 11
76
5 x 11
78
6.3 x 11
90
6.3 x 11
96
8 x 11.5
141
5 x 11
85
5 x 11
90
6.3 x 11
100
5
x 11
76
5 x 11
90
5 x 11
97
6.3 x 11
105
8 x 11.5
130
8 x 11.5
151
5 x 11
90
6.3 x 11
117
6.3 x 11
129
5 x 11
103
5
x 11
111
6.3 x 11
133
6.3 x 11
142
8 x 11.5
170
8 x 11.5
188
10 x 12.5
235
5 x 11
110
6.3 x 11
150
6.3 x 11
160
6.3
x 11
175
8 x 11.5
215
8 x 11.5
236
10 x 12.5
300
10 x 20
355
10 x 20
400
5 x 11
140
5
x 11
150
6.3 x 11
180
8 x 11.5
270
10 x 16
335
10 x 16
360
8 x 11.5
219
8
x 11.5
245
8 x 11.5
260
10 x 12.5
335
10 x 16
400
10 x 20
460
13 x 20
520
6.3 x 11
190
6.3
x 11
200
8 x 11.5
330
10 x 12.5
350
10 x 16
410
10 x 20
490
8 x 11.5
261
8
x 11.5
290
10 x 12.5
370
10 x 16
440
10 x 20
520
13 x 20
610
13 x 25
720
6.3 x 11
230
6.3
x 11
250
8 x 11.5
310
10 x 12.5
380
10 x 16
460
10 x 20
530
13 x 20
665
10 x 12.5
455
10
x 16
550
10 x 20
640
13 x 20
770
13 x 25
920
16 x 25
1080
16 x 31.5 1260
8 x 11.5
380
10
x 12.5
460
10 x 16
560
10 x 20
680
13 x 20
830
13 x 25
980
16 x 25
1190
10 x 20
750
13
x 20
860
13 x 25
1000
16 x 25
1170
16 x 31.5
1340
18 x 35.5
1530
10
x 20
760
13 x 20
920
13 x 25
1090
16 x 25
1260
16 x 35.5
1470
13 x 20
920
13
x 20
1100
16 x 25
1300
16 x 31.5
1460
18 x 35.5
1650
22 x 40
1707
10 x 20
840
13 x 25
1170
16 x 25
1400
16 x 35.5
1610
18 x 35.5
1650
16 x 25
1330
16
x 25
1400
16 x 31.5
1600
18 x 35.5
1780
18 x 40
1900
16 x 20
1090
13
x 25
1260
16 x 25
1480
16 x 31.5
1710
18 x 35.5
1875
DxL
DxL
DxL
DxL
DxL
3300
332
4700
472
1000
102
2200
222
330
331
470
471
100
101
220
221
33
330
47
470
63V(1J)
16V(1C)
25V(1E)
35V(1V)
50V(1H)
6.3v(0J)
10V(1A)
DxL
DxL
DIMENSIONS AND PERMISSABLE RIPPLE CURRENT
Dimension: D×L(mm)
Ripple Current: mA/RMS at 120Hz 105°C
C1CC05
REV 2002.01.16


Similar Part No. - RJ221M1HBK100200

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJ22 BOURNS-RJ22 Datasheet
108Kb / 1P
   1/2 Square Trimpot Trimming Potentiometer
RJ22FL100 BOURNS-RJ22FL100 Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
RJ22FL100 BOURNS-RJ22FL100 Datasheet
3Mb / 86P
   3006 - Trimpot짰 Trimming Potentiometer
RJ22FL101 BOURNS-RJ22FL101 Datasheet
3Mb / 86P
   SMT Trimmers - Product Selection Guide
RJ22FL101 BOURNS-RJ22FL101 Datasheet
3Mb / 86P
   3006 - Trimpot짰 Trimming Potentiometer
More results

Similar Description - RJ221M1HBK100200

ManufacturerPart #DatasheetDescription
logo
RFE international
RJA RFE-RJA Datasheet
1,003Kb / 5P
   Aluminum Electrolytic Capacitors RJA Series: Wide Temp. An ti-Solvent, 105°C
06-OCT-2023
RGA221M1HBK100200 RFE-RGA221M1HBK100200 Datasheet
197Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS RGA Series: Radial High Temperature, 105C
VEJ101M1ETR080100 RFE-VEJ101M1ETR080100 Datasheet
84Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEJ Series: Surface Mount Type, 105C
VES100M1ETR050053 RFE-VES100M1ETR050053 Datasheet
83Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VES Series: Surface Mount Type,105C
VEL100M1CTR040057 RFE-VEL100M1CTR040057 Datasheet
77Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEL Series: Surface Mount Type, 105C
VGA101M0JTR063057 RFE-VGA101M0JTR063057 Datasheet
115Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS VGA Series: SMT, 105C Extended Range
logo
Illinois Capacitor, Inc...
226RZS050M ILLINOISCAPACITOR-226RZS050M_13 Datasheet
557Kb / 3P
   105C High Frequency Radial Lead Aluminum Electrolytic Capacitors
476LMU450M2BC ILLINOISCAPACITOR-476LMU450M2BC_13 Datasheet
507Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
686LMH450M2BC ILLINOISCAPACITOR-686LMH450M2BC Datasheet
399Kb / 4P
   105C Long Life Snap mount Aluminum Electrolytic Capacitors
104SMH050M ILLINOISCAPACITOR-104SMH050M_13 Datasheet
200Kb / 2P
   105C General Purpose Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com