Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

II2012KR47 Datasheet(PDF) 1 Page - RFE international

Part # II2012KR47
Description  SURFACE MOUNT INDUCTORS II2012 Series: 0805 Multilayer
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

II2012KR47 Datasheet(HTML) 1 Page - RFE international

  II2012KR47 Datasheet HTML 1Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
REV 2001
C4BB02
SURFACE MOUNT INDUCTORS
II2012 Series: 0805 Multilayer
Size 0805
2.0±0.2
0.85 to 1.25
±0.2
1.25±0.2
0.5±0.3
Size in mm
THICKNESS
INDUCTANCE mH
Q
L, Q TEST
SRF
DC
RATED
(mm)
±10%(K) or
(min)
FREQ.
(MHz) RESISTANCE
CURRENT
±0.02
±20%(M)
(MHz)
min
W(max)
mA(max)
II2012K47N
0.85
0.047(M)
15
50
320
0.20
300
II2012K68N
0.85
0.068(M)
15
50
280
0.20
300
II2012K82N
0.85
0.082(M)
15
50
255
0.20
300
II2012KR10
0.85
0.10
20
25
235
0.30
250
II2012KR12
0.85
0.12
20
25
220
0.30
250
II2012KR15
0.85
0.15
20
25
200
0.40
250
II2012KR18
0.85
0.18
20
25
185
0.40
250
II2012KR22
0.85
0.22
20
25
170
0.50
250
II2012KR27
0.85
0.27
20
25
150
0.50
250
II2012KR33
0.85
0.33
20
25
145
0.55
250
II2012KR39
0.85
0.39
25
25
135
0.65
200
II2012KR47
1.25
0.47
25
25
125
0.65
200
II2012KR56
1.25
0.56
25
25
115
0.75
150
II2012KR68
1.25
0.68
25
25
105
0.80
150
II2012KR82
1.25
0.82
25
25
100
1.00
150
II2012K1R0
0.85
1.0
35
10
75
0.40
50
II2012K1R2
0.85
1.2
35
10
65
0.50
50
II2012K1R5
0.85
1.5
35
10
60
0.50
50
II2012K1R8
0.85
1.8
35
10
55
0.60
50
II2012K2R2
0.85
2.2
35
10
50
0.65
30
II2012K2R7
1.25
2.7
35
10
45
0.75
30
II2012K3R3
1.25
3.3
35
10
41
0.80
30
II2012K3R9
1.25
3.9
35
10
38
0.90
30
II2012K4R7
1.25
4.7
35
10
35
1.00
30
II2012K5R6
1.25
5.6
40
4
32
0.90
15
II2012K6R8
1.25
6.8
40
4
29
1.00
15
II2012K8R2
1.25
8.2
40
4
26
1.10
15
II2012K100
1.25
10.0
30
2
24
1.15
15
II2012K120
1.25
12.0
30
2
22
1.25
15
II2012K150
1.25
15.0
30
1
19
0.80
5
II2012K180
1.25
18.0
30
1
18
0.90
5
II2012K220
1.25
22.0
30
1
16
1.10
5
II2012K270
1.25
27.0
30
1
14
1.15
5
II2012K330
1.25
33.0
30
0.4
13
1.25
5
TYPE
Performance curves are on page C4BB05.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Similar Description - II2012KR47

ManufacturerPart #DatasheetDescription
logo
RFE international
IIH2012F-1N5 RFE-IIH2012F-1N5 Datasheet
61Kb / 1P
   SURFACE MOUNT INDUCTORS IIH2012 Series: 0805 Multilayer
logo
Bi technologies
BMC BITECH-BMC Datasheet
245Kb / 3P
   Surface Mount Multilayer High Frequency Ceramic Chip Inductors 0402 - 0805 Industry Sizes
logo
CAMBION Electronic Comp...
555-0805 CAMBION-555-0805 Datasheet
41Kb / 2P
   Chip inductors, wire wound, surface mount, 0805 package
logo
RFE international
II3216K47N RFE-II3216K47N Datasheet
55Kb / 1P
   SURFACE MOUNT INDUCTORS II3216 Series: 1206 Multilayer
II1608K47M RFE-II1608K47M Datasheet
56Kb / 1P
   SURFACE MOUNT INDUCTORS II1608 Series: 0603 Multilayer
FSMD010-0805 RFE-FSMD010-0805 Datasheet
272Kb / 2P
   Surface Mount PPTC FSMD 0805 Series
logo
Littelfuse
PGB0040805 LITTELFUSE-PGB0040805 Datasheet
115Kb / 3P
   PGB Series 0805 Surface Mount ESD Suppressor
logo
Rhombus Industries Inc.
L-15100 RHOMBUS-IND-L-15100 Datasheet
36Kb / 1P
   Surface Mount Inductors
logo
API Delevan
M0820-00K API-M0820-00K Datasheet
42Kb / 1P
   Surface Mount Inductors
logo
TOKO, Inc
888FU-101M TOKO-888FU-101M Datasheet
29Kb / 1P
   Surface mount inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com