Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM2B100W-10R-J-250 Datasheet(PDF) 2 Page - RFE international

Part # HM2B100W-10R-J-250
Description  HIGH POWER WIRE WOUND RESISTOR HM Series: Metal-Clad, High Wattage
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

HM2B100W-10R-J-250 Datasheet(HTML) 2 Page - RFE international

  HM2B100W-10R-J-250 Datasheet HTML 1Page - RFE international HM2B100W-10R-J-250 Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HIGH POWER WIRE WOUND RESISTOR
HM Series: Metal-Clad, High Wattage
Power Derating Curve
0
20
40
60
80
100
120
-50
0
50
100
150
200
Temperature Rise
0
50
100
150
200
250
300
0
25
50
75
100
Characteristics
Limits
Resistance nominal
1
< R
1
> R
Resistance Tolerance
±5% (J)
±10% (K)
Resistance and Tolerance
Temperature coefficient
Power rating load
Short-time overload
Insulation resistance
Dielectric withstanding voltage
±200ppm/°C max.
R/R<±(1%+0.05 )
(Temperature) 350°C max
1000% rated power 5 seconds
R/R<±(2%+0.05 )
500Vdc 100M
min
2000Vac 1 minute
(%) Percent Rated Load
(°C) Ambient Temperature
ELECTRICAL SPECIFICATION
ELECTRICAL CURVES
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
C2E04
REV 2007.04.12


Similar Part No. - HM2B100W-10R-J-250

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM2002 HMSEMI-HM2002 Datasheet
1Mb / 8P
   1.2A built-in power tube step-down LED constant current driver IC
HM2006 HMSEMI-HM2006 Datasheet
549Kb / 5P
   High and Low Side Driver
HM2006A HMSEMI-HM2006A Datasheet
549Kb / 5P
   High and Low Side Driver
HM2006B HMSEMI-HM2006B Datasheet
549Kb / 5P
   High and Low Side Driver
logo
List of Unclassifed Man...
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
   SPEECH RECOGNITION
More results

Similar Description - HM2B100W-10R-J-250

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IRM1600 ETC-IRM1600 Datasheet
849Kb / 2P
   METAL CLAD WIRE WOUND RESISTOR
IRH60 ETC-IRH60 Datasheet
1Mb / 2P
   METAL CLAD WIRE WOUND RESISTOR
logo
RHOPOINT COMPONENTS
IRV1600 RHOPOINT-IRV1600 Datasheet
136Kb / 2P
   HIGH POWER, WIRE WOUND, METAL CLAD RESISTORS
logo
List of Unclassifed Man...
IRV600 ETC-IRV600 Datasheet
1Mb / 2P
   Metal Clad Wire Wound Resistors
IRC40 ETC-IRC40 Datasheet
875Kb / 2P
   compact type metal clad wire wound resistors
IRS30 ETC-IRS30 Datasheet
716Kb / 1P
   SLIM TYPE METAL CLAD WIRE WOUND RESISTROS
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.17
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS_V01 Datasheet
595Kb / 2P
   HIGH POWER WIRE WOUND RESISTOR
2020.02.24
logo
TE Connectivity Ltd
9-1773453-2 TEC-9-1773453-2 Datasheet
286Kb / 5P
   High Power Wire Wound Resistor
logo
Tyco Electronics
1625971 MACOM-1625971 Datasheet
66Kb / 1P
   HSA25 METAL CLAD RESISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com