Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRX160-90F Datasheet(PDF) 2 Page - RFE international

Part # FRX160-90F
Description  Radial Leaded PPTC FRX Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRX160-90F Datasheet(HTML) 2 Page - RFE international

  FRX160-90F Datasheet HTML 1Page - RFE international FRX160-90F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Radial Leaded PPTC
FRX Series
TYPICAL TIME-TO-TRIP AT 23°C
A B C D E F GH I J K L M NO PQ R S T
0.001
0.01
0.1
1
10
100
1000
0.1
1
10
100
Fault current (A)
PRODUCTION DIMENSIONS (MILLIMETER)
FRX010 ~ FRX090
Lead Size: 24AWG (0.5mm)
FRX110 ~ FRX375
Lead Size: 20AWG (0.81mm)
NOTE: All Specifications subject to change without notice.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
Part
A
B
C
D
E
E
Number
Maximum Maximum Typical Minimum Maximum Maximum
FRX005-60F
7.4
12.7
5.1
7.6
3.1
1.1
FRX010-60F or 90F
7.4
12.7
5.1
7.6
3.1
1.1
FRX015-90F
7.4
12.7
5.1
7.6
3.1
1.1
FRX017-60F or 90F
7.4
12.7
5.1
7.6
3.1
1.1
FRX020-60F or 90F
7.4
12.7
5.1
7.6
3.1
1.1
FRX025-60F or 90F
7.4
12.7
5.1
7.6
3.1
1.1
FRX030-60F or 90F
7.4
13.0
5.1
7.6
3.1
1.1
FRX035-90F
7.4
12.7
5.1
7.6
3.1
1.1
FRX040-60F or 90F
7.6
13.5
5.1
7.6
3.1
1.1
FRX050-60F or 90F
7.9
13.7
5.1
7.6
3.1
1.1
FRX055-90F
9.7
14.0
5.1
7.6
3.1
1.1
FRX065-60F or 90F
9.7
14.5
5.1
7.6
3.1
1.1
FRX075-60F or 90F
10.4
15.2
5.1
7.6
3.1
1.1
FRX090-60F or 90F
11.7
15.8
5.1
7.6
3.1
1.1
FRX110-60F or 90F
13
18.0
5.1
7.6
3.1
1.4
FRX135-60F or 90F
14.5
19.6
5.1
7.6
3.1
1.4
FRX160-60F or 90F
16.3
21.3
5.1
7.6
3.1
1.4
FRX185-60F or 90F
17.8
22.9
5.1
7.6
3.1
1.4
FRX250-60F or 90F
21.3
26.4
10.2
7.6
3.1
1.4
FRX300-60F or 90F
24.9
30.0
10.2
7.6
3.1
1.4
FRX375-60F or 90F
28.5
33.5
10.2
7.6
3.1
1.4
A = FRX005-60F
K = FRX055-90F
B = FRX010-60F or 90F
L
= FRX065-60F or 90F
C = FRX015-90F
M = FRX075-60F or 90F
D = FRX017-60F or 90F
N = FRX090-60F or 90F
E = FRX020-60F or 90F
O = FRX110-60F or 90F
F = FRX025-60F or 90F
P = FRX135-60F or 90F
G = FRX030-60F or 90F
Q = FRX160-60F or 90F
H = FRX035-90F
R = FRX185-60F or 90F
I
= FRX040-60F or 90F
S = FRX250-60F or 90F
J
= FRX050-60F or 90F
T = FRX300-60F or 90F
U = FRX375-60F or 90F
C5EB01
REV 2007.03.1


Similar Part No. - FRX160-90F

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FRX160-90F FUZETEC-FRX160-90F Datasheet
159Kb / 4P
   Radial Leaded PTC Resettable Fuse : FRX90V Series
logo
RFE international
FRX160-90F RFE-FRX160-90F Datasheet
282Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/03/23
More results

Similar Description - FRX160-90F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRX010-60 DBLECTRO-FRX010-60 Datasheet
121Kb / 3P
   Radial Leaded PTC FRX Series
logo
RFE international
FRT050-33F RFE-FRT050-33F Datasheet
145Kb / 2P
   Radial Leaded PPTC FRT Series
FRU090-30F RFE-FRU090-30F Datasheet
161Kb / 2P
   Radial Leaded PPTC FRU Series
FRVL010-120F RFE-FRVL010-120F Datasheet
215Kb / 2P
   Radial Leaded PPTC FRVL Series
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
FRG250-16F RFE-FRG250-16F Datasheet
124Kb / 1P
   Radial Leaded PPTC FRG Series
FRV005-240F RFE-FRV005-240F Datasheet
154Kb / 2P
   Radial Leaded PPTC FRV Series
FUSB075F RFE-FUSB075F Datasheet
126Kb / 1P
   Radial Leaded PPTC FUSB Series
FBR100UF RFE-FBR100UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
logo
Fuzetec Technology Co.,...
FRX005-60F FUZETEC-FRX005-60F Datasheet
153Kb / 3P
   Radial Leaded PTC Resettable Fuse : FRX Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com