Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRVL200-120F Datasheet(PDF) 2 Page - RFE international

Part # FRVL200-120F
Description  Radial Leaded PPTC FRVL Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRVL200-120F Datasheet(HTML) 2 Page - RFE international

  FRVL200-120F Datasheet HTML 1Page - RFE international FRVL200-120F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Fault current (A)
A
B C
THERMAL DERATING CURVE
TYPICAL TIME-TO-TRIP AT 23°C
NOTE: All specifications subject to change without notice.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
A = FRVL010 ~ 120F
B = FRVL160 ~ 120F
C = FRVL185 ~ 120F
200%
150%
100%
50%
0%
D
1
D
1
D
1
D
-40
-20
0
20
40
60
80
Ambient Temperature (C)
Thermal Derating Curve - FRVL Series
D = FRVL075 ~ 120F
E = FRVL135 ~ 120F
F = FRVL200 ~ 120F
Radial Leaded PPTC
FRVL Series
C5EB10
REV 2008.2.4


Similar Part No. - FRVL200-120F

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FRVL200-120F FUZETEC-FRVL200-120F Datasheet
181Kb / 4P
   Radial Leaded PTC Resettable Fuse : FRVL Series
logo
RFE international
FRVL200-120F RFE-FRVL200-120F Datasheet
293Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
More results

Similar Description - FRVL200-120F

ManufacturerPart #DatasheetDescription
logo
RFE international
FRT050-33F RFE-FRT050-33F Datasheet
145Kb / 2P
   Radial Leaded PPTC FRT Series
FRX005-60F RFE-FRX005-60F Datasheet
202Kb / 2P
   Radial Leaded PPTC FRX Series
FRU090-30F RFE-FRU090-30F Datasheet
161Kb / 2P
   Radial Leaded PPTC FRU Series
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
FRG250-16F RFE-FRG250-16F Datasheet
124Kb / 1P
   Radial Leaded PPTC FRG Series
FRV005-240F RFE-FRV005-240F Datasheet
154Kb / 2P
   Radial Leaded PPTC FRV Series
FUSB075F RFE-FUSB075F Datasheet
126Kb / 1P
   Radial Leaded PPTC FUSB Series
FBR100UF RFE-FBR100UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
logo
Fuzetec Technology Co.,...
FRVL010-120F FUZETEC-FRVL010-120F Datasheet
181Kb / 4P
   Radial Leaded PTC Resettable Fuse : FRVL Series
logo
RFE international
FHT200-16F RFE-FHT200-16F Datasheet
190Kb / 2P
   Radial Leaded PPTC FHT Series: High Temperature, 125째C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com