Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRT190-33F Datasheet(PDF) 2 Page - RFE international

Part # FRT190-33F
Description  Radial Leaded PPTC FRT Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FRT190-33F Datasheet(HTML) 2 Page - RFE international

  FRT190-33F Datasheet HTML 1Page - RFE international FRT190-33F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THERMAL DERATING CURVE
TYPICAL TIME-TO-TRIP AT 23°C
NOTE: All specification subject to change without notice.
Radial Leaded PPTC
FRT Series
A
B C D E F G H
I
0.01
0.1
1
10
100
Fault current (A)
0.1
1
10
100
1000
A = FRT 050-33F
B = FRT 075-33F
C = FRT 090-33F
D = FRT 120-33F
E = FRT 135-33F
F = FRT 160-33F
G = FRT 190-33F
H = FRT 220-33F
I
= FRT 250-33F
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
200%
150%
100%
50%
0%
1
1
-40
-20
0
20
40
60
80
Thermal Derating Curve - FRT Series
Ambient Temperature (°C)
C5EB03
REV 2007.03.1


Similar Part No. - FRT190-33F

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
FRT190-33F DBLECTRO-FRT190-33F Datasheet
183Kb / 3P
   Radial Leaded PTC Resettable Fuse: FRT Series Preliminary
logo
Fuzetec Technology Co.,...
FRT190-33F FUZETEC-FRT190-33F Datasheet
130Kb / 3P
   Radial Leaded PTC Resettable Fuse: FRT Series
logo
RFE international
FRT190-33F RFE-FRT190-33F Datasheet
259Kb / 3P
   Radial Leaded PTC Resettable Fuse
2021/03/31
More results

Similar Description - FRT190-33F

ManufacturerPart #DatasheetDescription
logo
RFE international
FRX005-60F RFE-FRX005-60F Datasheet
202Kb / 2P
   Radial Leaded PPTC FRX Series
FRU090-30F RFE-FRU090-30F Datasheet
161Kb / 2P
   Radial Leaded PPTC FRU Series
FRVL010-120F RFE-FRVL010-120F Datasheet
215Kb / 2P
   Radial Leaded PPTC FRVL Series
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
FRG250-16F RFE-FRG250-16F Datasheet
124Kb / 1P
   Radial Leaded PPTC FRG Series
FRV005-240F RFE-FRV005-240F Datasheet
154Kb / 2P
   Radial Leaded PPTC FRV Series
FUSB075F RFE-FUSB075F Datasheet
126Kb / 1P
   Radial Leaded PPTC FUSB Series
FBR100UF RFE-FBR100UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
logo
Fuzetec Technology Co.,...
FRT050-33F FUZETEC-FRT050-33F Datasheet
130Kb / 3P
   Radial Leaded PTC Resettable Fuse: FRT Series
logo
DB Lectro Inc
FRT050-33F DBLECTRO-FRT050-33F Datasheet
183Kb / 3P
   Radial Leaded PTC Resettable Fuse: FRT Series Preliminary
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com