Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FHT450-16F Datasheet(PDF) 2 Page - RFE international

Part # FHT450-16F
Description  Radial Leaded PPTC FHT Series: High Temperature, 125째C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFE [RFE international]
Direct Link  http://www.rfeinc.com
Logo RFE - RFE international

FHT450-16F Datasheet(HTML) 2 Page - RFE international

  FHT450-16F Datasheet HTML 1Page - RFE international FHT450-16F Datasheet HTML 2Page - RFE international  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THERMAL DERATING CURVE
TYPICAL TIME-TO-TRIP AT 23°C
CAUTION: FRH devices are not intended for continous use of Line Voltage such as 120 VAC`600VAC and above.
NOTE: All Specification subject to change without notice.
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com
RoHS
ü
A
B
C D
E FGH I J K L M
N OP
1000
100
10
1
0.1
0.01
1
10
100
Fault Current (A)
A =
FHT200-16F
B =
FHT300-16F
C =
FHT400-16F
D =
FHT450-16F
E =
FHT550-16F
F =
FHT600-16F
G =
FHT650-16F
H =
FHT700-16F
I
=
FHT750-16F
J =
FHT800-16F
K =
FHT900-16F
L = FHT1000-16F
M = FHT1100-16F
N = FHT1300-16F
O = FHT1400-16F
P = FHT1500-16F
Radial Leaded PPTC
FHT Series: High Temperature, 125°C
C5EB06
2008.2.4


Similar Part No. - FHT450-16F

ManufacturerPart #DatasheetDescription
logo
Fuzetec Technology Co.,...
FHT450-16F FUZETEC-FHT450-16F Datasheet
169Kb / 4P
   Radial Leaded PTC Resettable Fuse : FHT Series
logo
RFE international
FHT450-16F RFE-FHT450-16F Datasheet
326Kb / 4P
   Radial Leaded PTC Resettable Fuse
2021/04/06
More results

Similar Description - FHT450-16F

ManufacturerPart #DatasheetDescription
logo
RFE international
FRT050-33F RFE-FRT050-33F Datasheet
145Kb / 2P
   Radial Leaded PPTC FRT Series
FRX005-60F RFE-FRX005-60F Datasheet
202Kb / 2P
   Radial Leaded PPTC FRX Series
FRU090-30F RFE-FRU090-30F Datasheet
161Kb / 2P
   Radial Leaded PPTC FRU Series
FRVL010-120F RFE-FRVL010-120F Datasheet
215Kb / 2P
   Radial Leaded PPTC FRVL Series
FRH080-250UF RFE-FRH080-250UF Datasheet
122Kb / 2P
   Radial Leaded PPTC FRH Series
FRG250-16F RFE-FRG250-16F Datasheet
124Kb / 1P
   Radial Leaded PPTC FRG Series
FRV005-240F RFE-FRV005-240F Datasheet
154Kb / 2P
   Radial Leaded PPTC FRV Series
FUSB075F RFE-FUSB075F Datasheet
126Kb / 1P
   Radial Leaded PPTC FUSB Series
FBR100UF RFE-FBR100UF Datasheet
189Kb / 2P
   Radial Leaded PPTC FBR Series
logo
Fuzetec Technology Co.,...
FHT050-30F FUZETEC-FHT050-30F Datasheet
169Kb / 4P
   Radial Leaded PTC Resettable Fuse : FHT Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com