Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AD10XR104K500R Datasheet(PDF) 1 Page - RFE international

Part No. AD10XR104K500R
Description  CERAMIC CAPACITOR AD Series: Axial Leaded Multilayer
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFE [RFE international]
Homepage  http://www.rfeinc.com
Logo 

AD10XR104K500R Datasheet(HTML) 1 Page - RFE international

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
C1BD02
2003.05.08
CERAMIC CAPACITOR
AD Series: Axial Leaded Multilayer
Axial Leaded Multilayer Ceramic Capacitors are
made with a superior epoxy coating for moisture
and mechanical protection. The small size is
suitable for a wide range of applications, including:
data processing, telecommunications,
instrumentation, and industrial controls.
Same Features and Characteristics as the Radial
Leaded Multilayered Capacitor.
AD 10 XR 104 K 500 R
Tape Spec.
Symbol Dimension (mm)
Pitch of component
P
5.08±0.51
Culmulative Tolerance of P
±0.15
Over 6 Consecutive Units.
Tape Width
Wt
6.0±1.0
Lead Wire Protrusion
Le
1.0 max
Lead Extension into Tape
Li
1.5 max
Offset Between Tapes
T
0.8 max
Width Between Tapes
W
52.4±1.5
Lead Diameter
d
0.483
Reel Spec.
Symbol Dimension (mm)
Centered
C
±0.76
Core Diameter
D1
34.9-92.1
Standard 82
Reel Diameter
D2
360 max
Standard 340
Core Width
W1
67(+1.5, -0)
Recess Depth
R
9.5 min.
Standard 16
Arbor Hole
H0
13.89-38.10
Standard 17
Deflection from Nominal
h
1.2 max
Position
PART NUMBER EXAMPLE
SIZE CODE
AND CAPACITANCE RANGE
(mm)
(pF)
DIMENSIONS
INTRODUCTION
Size
Length
Diameter
WVDC
COG/NPO
(CG)
X7R
(XR)
Z5U
(ZU)
Code
L(max)
D(max)
AD10
50V
0.5 ~ 3,300 220~2,200,000 10,000 ~ 3,300,000
4.32
2.54
100V
0.5 ~ 3,300 220~2,200,000 10,000 ~ 3,300,000
Y5V
(YV)
10,000 ~ 4,700,000
RFE International • Tel:(949) 833-1988 • Fax:(949) 833-1788 • E-Mail Sales@rfeinc.com


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn