Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UTCTEA1062N Datasheet(PDF) 1 Page - Unisonic Technologies

Part No. UTCTEA1062N
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

UTCTEA1062N Datasheet(HTML) 1 Page - Unisonic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
UTCTEA1062N / TEA1062AN
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 1
QW-R108-011,A
LOW VOLTAGE TELEPHONE
TRANSMISSION CIRCUIT WITH
DIALLER INTERFACE
DESCRIPTION
The UTC TEA1062N / TEA1062AN is a bipolar
integrated circuit performing all speech and line
interface function, required in the fully electronic
telephone
sets. It performs electronic switching
between
dialing
speech. The circuit is able to
operate down to D.C. line voltage of 1.6V (with
reduced performance) to facilitate the use of more
telephone sets in parallel.
FEATURES
* Low d.c. line voltage; operates down to 1.6V
(excluding polarity guard).
*Voltage regulator with adjustment static resistance.
*Provides supply with limited current for external
circuitry.
*Symmetrical high-impedance inputs (64k
Ω) for
dynamic, magnetic or piezoelectric microphones.
*Asymmetrical high-impedance inputs (32k
Ω) for
electret microphones.
*DTMF signal input with confidence tone.
DIP-16
SOP-16
*Mute input for pulse or DTMF dialing.
*Receivering amplifier for several types of earphones.
*Large amplification setting range on microphone
and earpiece amplifiers.
*Line loss compensation facility , line current
depedant (microphone and earpiece amplifiers).
*Gain control adaptable to exchange supply.
*Possibility to adjust the d.c. line voltage.
QUICK REFERENCE DATA
Line voltage at Iline=15mA
VLN
typ. 3.8 V
Line current operating range[pin1]
normal operation
with reduced performance
Iline
Iline
11 to 140 mA
1 to 11 mA
Internal supply current
ICC
typ. 1mA
Supply current for peripherials
at Iline=15 mA MUTE input LOW(1062 is HIGH)
VCC>2.2V
VCC>2.8V
Ip
Ip
typ. 1.8mA
typ. 0.7mA
Voltage amplification range
microphone amplifier
receiving amplififer
AVD
AVD
44 to 52 dB
20 to 39 dB
Line loss compansation
Amplification control range
Exchange supply voltage range
Exchange feeding bridge resistance range
AVD
Vexch
Rexch
typ. 6 dB
36 to 60V
400 to 1000Ω
Operating ambient temperature range
Tamb
-25 to +75
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn