Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UTCTEA1062 Datasheet(PDF) 5 Page - Unisonic Technologies

Part No. UTCTEA1062
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

UTCTEA1062 Datasheet(HTML) 5 Page - Unisonic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
UTCTEA1062/1062A
LINEARINTEGRATEDCIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
5
QW-R108-001,A
ELECTRICAL CHARACTERISTICS (continued)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Gain Variation with Frequency
at f=300Hz and f=3400Hz
w.r.t.800Hz
∆Gvf
¡ À
0.2
dB
Gain Variation with Temperature
at-25
°C and +75°C
w.r.t.25
°C
without R6
Iline=50mA
∆GvT
+-0.2
dB
Output Voltage
sinwave drive;
Ip=0mA;THD=2%
R4=100k
Iline=15mA
RL=150
VO(rms)
0.22
0.33
V
RL=450
VO(rms)
0.3
0.48
V
Output Voltage
THD=10%
R4=100k
RL=150
Iline=4mA
VO(rms)
15
mV
Noise Output Voltage
Iline=15mA
R4=100k
IR open-circuit
psophometrically
weighted
RL=300
VNO(rms)
50
¦ Ì
V
Gain adjustment GAR (pin 5)
Gain Variation of Receiving
Amplifier Achievable by
Varying
R4 between GAR and QR
∆Gv
-11
0
dB
Mute Input (pin 12)
Input Voltage(HIGH)
VIH
1.5
VCC
V
Input Voltage(LOW)
VIL
0.3
V
Input Current
IMUTE
8
15
¦ Ì
A
Reduction of Gain
MIC+ or MIC- to QR
MUTE=LOW
∆Gv
70
dB
Voltage Gain from DTMF to QR
MUTE=LOW
R4=100k
RL=300
Gv
-19
dB
Automatic Gain Control Input
AGC ( pin 15)
Controlling the Gain from lR to QR
and the Gain from MIC+/MIC-
to LN;R6 between AGC and VEE
R6=110k
Gain Control Range
Iline=70mA
∆Gv
-5.8
dB
Highest Line Current
for Maximum Gain
Iline
23
mA
Minimum Line Current
for Minimum Gain
Iline
61
mA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn