Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UTCTEA1062 Datasheet(PDF) 3 Page - Unisonic Technologies

Part No. UTCTEA1062
Description  LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

UTCTEA1062 Datasheet(HTML) 3 Page - Unisonic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
UTCTEA1062/1062A
LINEARINTEGRATEDCIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
3
QW-R108-001,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
MAX
UNIT
Positive Continuous Line Voltage
VLN
12
V
Repetitive Line Voltage During
Switch-On Or Line Interruption
VLN
13.2
V
Repetitive Peak Line Voltage for a 1 ms Pulse/5s
R10=13
R9=20
(see Fig.15)
VLN
28
V
Line Current
(1)
R9=20
Iline
140
mA
Voltage on All Other Pins
Vi
VCC+0.7
V
-Vi
0.7
V
Total Power Dissipation(2)
R9=20
Ptot
640
mW
Storage Temperature Range
Tstg
-40
+125
°C
Operating Ambient Temperature Range
Tamb
-25
+75
°C
Junction Temperature
Tj
+125
°C
1. Mostly dependent on the maximum required Tamb and the voltage between LN and SLPE (see Figs 6 ).
2. Calculated for the maximum ambient temperature specified Tamb=75
°C and a maximum junction temperature of
125
°C.
THERMAL RESISTANCE
From junction to ambient in free air Rth j-a = 75K/W
ELECTRICAL CHARACTERISTICS(Iline=11 to 140mA;VEE=0V;f=800Hz;Tamb=25
°C; unless otherwise
specified)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN
TYP
MAX
UNIT
Supply; LN and VCC(pins 1 and 13)
Voltage Drop Over Circuit,
between LN and VEE
MIC inputs open
Iline=1mA
VLN
1.6
V
Iline=4mA
VLN
1.9
V
Iline=15mA
VLN
3.55
4.0
4.25
V
Iline=100mA
VLN
4.9
5.7
6.5
V
Iline=140mA
VLN
7.5
V
Variation with Temperature
Iline=15mA
∆VLN/∆T
-0.3
mV/K
Voltage Drop Over Circuit,
between LN and VEE with
External Resistor RVA
Iline=15mA
RVA(LN to REG)
=68k
3.5
V
Iline=15mA
RVA(REG to SLPE)
=39k
4.5
V
Supply Current
VCC=2.8V
ICC
0.9
1.35
mA
Supply Voltage Available for
Peripheral Circuitry
Iline=15mA
TEA1062
Ip=1.2mA;MUTE=HIGH
VCC
2.2
2.7
V
lp=0mA;MUTE=HIGH
VCC
3.4
V
TEA1062A
Ip=1.2mA;MUTE=LOW
VCC
2.2
2.7
V
lp=0mA;MUTE=LOW
VCC
3.4
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn