Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HYMD264726B8J-J Datasheet(PDF) 3 Page - Hynix Semiconductor

Part # HYMD264726B8J-J
Description  Unbuffered DDR SDRAM DIMM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HYMD264726B8J-J Datasheet(HTML) 3 Page - Hynix Semiconductor

  HYMD264726B8J-J Datasheet HTML 1Page - Hynix Semiconductor HYMD264726B8J-J Datasheet HTML 2Page - Hynix Semiconductor HYMD264726B8J-J Datasheet HTML 3Page - Hynix Semiconductor HYMD264726B8J-J Datasheet HTML 4Page - Hynix Semiconductor HYMD264726B8J-J Datasheet HTML 5Page - Hynix Semiconductor HYMD264726B8J-J Datasheet HTML 6Page - Hynix Semiconductor HYMD264726B8J-J Datasheet HTML 7Page - Hynix Semiconductor HYMD264726B8J-J Datasheet HTML 8Page - Hynix Semiconductor HYMD264726B8J-J Datasheet HTML 9Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
HYMD264726B(L)8J-J
Rev. 0.1/Oct. 02
3
FUNCTIONAL BLOCK DIAGRAM
DM
/CS
DQS
D9
DM
/CS
DQS
D10
DM
/CS
DQS
DM
/CS
DQS
DQ0
DQ1
DQ2
DQ3
DQ4
DQ5
DQ6
DQ7
DM
/CS
DQS
D0
DQ10
DQ11
DQ12
DQ13
DQ14
DQ15
DM
/CS
DQS
D1
DM
/CS
DQS
D2
DQ24
DQ25
DQ26
DQ27
DQ28
DQ29
DQ30
DQ31
DM
/CS
DQS
DQ32
DQ33
DQ35
DQ36
DQ37
DQ38
DQ39
DM
/CS
DQS
DQ40
DQ41
DQ42
DQ43
DQ44
DQ45
DQ46
DQ47
DM
/CS
DQS
D5
DQ48
DQ49
DQ50
DQ51
DQ52
DQ53
DQ54
DQ55
DM
/CS
DQS
DQ56
DQ57
DQ58
DQ59
DQ60
DQ61
DQ62
DQ63
DM
/CS
DQS
D7
DM0
DQS0
DM4
DQS4
DQ8
DQ9
DM1
DQS1
DM2
DQS2
DM3
DQS3
DM7
DQS7
DM6
DQS6
DM5
DQS5
/CS0
DQ16
DQ17
DQ18
DQ19
DQ20
DQ21
DQ22
DQ23
DM
/CS
DQS
D14
DM
/CS
DQS
D16
DM
/CS
DQS
D11
/CS1
D12
D3
D15
D6
D4
D12
DM
/CS
DQS
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
D13
DQ34
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
DM
/CS
DQS
CB0
CB1
CB2
CB3
CB4
CB5
CB6
CB7
DM
/CS
DQS
DM8
DQS8
D17
D8
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
I/O0
I/O1
I/O2
I/O3
I/O4
I/O5
I/O6
I/O7
Strap:see Note 4
VDD SPD
VDD /VDDQ
VREF
VSS
VDDID
SPD
DO-D17
DO-D17
DO-D17
WP
SCL
SDA
A0
A1
A2
SA0 SA1 SA2
Serial PD
*Clock Wiring
Clock Input
SDRAMs
*CK0, /CK0
*CK1, /CK1
*CK2, /CK2
6 SDRAMs
6 SDRAMs
6 SDRAMs
*Wire per Clock Loading
Table/Wiring Diagrams
Note :
1. DQ-to-I/O wiring is shown as recommended but may
be changed.
2. DQ/DQS/DM/CKE/S relationships must be maintained
as shown.
3. DQ, DQS, DM/DQS resistors : 22 Ohms ± 5%.
4. VDDID strap connections
(for memory device VDD, VDDQ):
STRAP OUT (OPEN) : VDD = VDDQ
STRAP IN (VSS) : VDD ≠V DDQ
5. BAx, Ax, RAS, CAS, WE resistors : 3 Ohms ± 5%
BA0-BA1
A0-A13
/RAS
/CAS
CKE0
/WE
BA0-BA1 : SDRAMs D0-D17
A0-A13 : SDRAMs D0-D17
/RAS : SDRAMs D0-D17
/CAS : SDRAMs D0-D17
CKE : SDRAMs D0-D8
/WE : SDRAMs D0-D17
CKE1
CKE : SDRAMs D9-D17


Similar Part No. - HYMD264726B8J-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264726BL8J-J HYNIX-HYMD264726BL8J-J Datasheet
199Kb / 16P
   Unbuffered DDR SDRAM DIMM
More results

Similar Description - HYMD264726B8J-J

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
HYMD264646A8J-J HYNIX-HYMD264646A8J-J Datasheet
264Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD116725B8J-J HYNIX-HYMD116725B8J-J Datasheet
234Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132645B8J-J HYNIX-HYMD132645B8J-J Datasheet
239Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD132725B8-M HYNIX-HYMD132725B8-M Datasheet
248Kb / 17P
   Unbuffered DDR SDRAM DIMM
HYMD2326468-K HYNIX-HYMD2326468-K Datasheet
238Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232646C8J-J HYNIX-HYMD232646C8J-J Datasheet
153Kb / 16P
   Unbuffered DDR SDRAM DIMM
HYMD232726C8-M HYNIX-HYMD232726C8-M Datasheet
158Kb / 16P
   Unbuffered DDR SDRAM DIMM
logo
Micron Technology
MT8VDDT3264AG MICRON-MT8VDDT3264AG Datasheet
677Kb / 30P
   DDR SDRAM UNBUFFERED DIMM
MT16VDDT6464AG MICRON-MT16VDDT6464AG Datasheet
875Kb / 35P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT6472AG MICRON-MT9VDDT6472AG Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
MT9VDDT3272AY MICRON-MT9VDDT3272AY Datasheet
568Kb / 27P
   DDR SDRAM UNBUFFERED DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com